Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 48Page - Analog Devices AD9142ABCPZ Datasheet HTML 49Page - Analog Devices AD9142ABCPZ Datasheet HTML 50Page - Analog Devices AD9142ABCPZ Datasheet HTML 51Page - Analog Devices AD9142ABCPZ Datasheet HTML 52Page - Analog Devices AD9142ABCPZ Datasheet HTML 53Page - Analog Devices AD9142ABCPZ Datasheet HTML 54Page - Analog Devices AD9142ABCPZ Datasheet HTML 55Page - Analog Devices AD9142ABCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Data Sheet
AD9142A
Reg
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x42
GAIN_STEP_
CTRL1
DAC_
OUTPUT_OFF
DAC_
OUTPUT_
STATUS
RAMP_DOWN_STEP
0x41 RW
0x43
TX_ENABLE_
CTRL
[7:0]
Reserved
TXENABLE_
GAINSTEP_EN
TXENABLE_
SLEEP_EN
TXENABLE_
POWER_
DOWN_EN
0x07 RW
0x44
DAC_
OUTPUT_CTRL
[7:0] DAC_
OUTPUT_
CTRL_EN
Reserved
FIFO_
WARNING_
SHUTDOWN_
EN
OVERTHRESHOLD
_SHUTDOWN_EN
Reserved
FIFO_ERROR_
SHUTDOWN_
EN
0x8D RW
0x5E
ENABLE_DLL_
DELAY_CELL0
[7:0]
DELAY_CELL_ENABLE [7:0]
0xFF
0x5F
ENABLE_DLL_
DELAY_CELL1
[7:0]
Reserved
DELAY_CELL_ENABLE [10:8]
0x67 RW
0x60
SED_CTRL
[7:0] SED_ENABLE SED_ERR_
CLEAR
AED_ENABLE SED_DEPTH
Reserved
AED_PASS
AED_FAIL
SED_FAIL
0x00 RW
0x61
SED_PATT_
L_I0
[7:0]
SED_PATTERN_RISE_I0[7:0]
0x00 RW
0x62
SED_PATT_
H_I0
[7:0]
SED_PATTERN_RISE_I0[15:8]
0x00 RW
0x63
SED_PATT_
L_Q0
[7:0]
SED_PATTERN_FALL_Q0[7:0]
0x00 RW
0x64
SED_PATT_
H_Q0
[7:0]
SED_PATTERN_FALL_Q0[15:8]
0x00 RW
0x65
SED_PATT_
L_I1
[7:0]
SED_PATTERN_RISE_I1[7:0]
0x00 RW
0x66
SED_PATT_
H_I1
[7:0]
SED_PATTERN_RISE_I1[15:8]
0x00 RW
0x67
SED_PATT_
L_Q1
[7:0]
SED_PATTERN_FALL_Q1[7:0]
0x00 RW
0x68
SED_PATT_
H_Q1
[7:0]
SED_PATTERN_FALL_Q1[15:8]
0x00 RW
0x6A
PARITY_CTRL
[7:0] PARITY_
ENABLE
PARITY_EVEN PARITY_ERR
CLEAR
Reserved
PARERRFAL
PARERRIS
0x00 RW
0x6B
PARITY_ERR_
RISING
[7:0]
Parity Rising Edge Error Count
0x00 R
0x6C
PARITY_ERR_
FALLING
[7:0]
Parity Falling Edge Error Count
0x00 R
0x7F
Version
[7:0]
Version
0x0B R
Rev. A | Page 51 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com