Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 65Page - Analog Devices AD9142ABCPZ Datasheet HTML 66Page - Analog Devices AD9142ABCPZ Datasheet HTML 67Page - Analog Devices AD9142ABCPZ Datasheet HTML 68Page - Analog Devices AD9142ABCPZ Datasheet HTML 69Page - Analog Devices AD9142ABCPZ Datasheet HTML 70Page - Analog Devices AD9142ABCPZ Datasheet HTML 71Page - Analog Devices AD9142ABCPZ Datasheet HTML 72Page - Analog Devices AD9142ABCPZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
AD9142A
Data Sheet
Rev. A | Page 70 of 72
DAC LATENCY AND SYSTEM SKEWS
Figure 62. Breakdown of Pipeline Latencies
DAC LATENCY VARIATIONS
DACs, like any other devices with internal multiphase clocks,
have an inherent pipeline latency variation. Figure 62 shows the
delineation of pipeline latencies in the AD9142A. The
highlighted section, including the FIFO and the clock generation
circuitry, is where the pipeline latencies vary. Upon each power-
on, the status of both the FIFO and the clock generation state
machine is arbitrary. This leads to varying latency in these two
blocks.
FIFO LATENCY VARIATION
There are eight data slots in the FIFO. The FIFO read and write
pointers circulate the FIFO from Slot 0 to Slot 7 and back to Slot 0.
The FIFO depth is defined as the number of FIFO slots that are
required for the read pointer to catch the write pointer. It is also
the time a particular piece of data stays in the FIFO from the
point that it is written into the FIFO to the point where it is read
out from the FIFO. Therefore, the latency of the FIFO is equivalent
to its depth.
Figure 63 is an example of FIFO latency variation. The latency in
Case 2 is two data cycles longer than that in Case 1. If other
latencies are the same, the skew between the DAC outputs in
these two cases is, likewise, two data cycles. Therefore, to keep a
constant FIFO latency, the FIFO depth needs to be reset to a pre-
defined value. Theoretically, any value other than 0 is valid but
typically it is set to 4 to maximize the capacity of absorbing the
rate fluctuation between the read and write sides.
Figure 63. Example of FIFO Latency Difference
Figure 64 shows two equivalent cases of FIFO latency of four data
cycles. Although neither the read nor the write pointer match
each other in these two cases, the FIFO depth is the same in both
cases. Also, note that the beginning slots of the data stream in the
two cases are not the same, but the read and write pointers point
to the same piece of data in both cases. This does not affect the
alignment accuracy of the DAC outputs as long as the data and
the DCIs are well aligned at multiple devices.
Figure 64. Example of Equal FIFO Latencies
FIFO
DACCLK
I AND
Q DAC
HB1
FIXED
LATENCY
HB2
HB3
OTHER DIGITAL
FUNCTIONALITIES
DACCLK/2
DACCLK/4
DACCLK/8
DCI
FIFO
WrPtr
FIFO
RdPtr
VARYING
LATENCY
VARYING
LATENCY
FIXED
LATENCY
DIV 2
DIV 2
DIV 2
DATA
INTERFACE
DATA 2
DATA 3
DATA 4
DATA 5
FIFO
CASE 1:
LATENCY = 4 DCI CYCLES
FIFO
WrPtr
FIFO
RdPtr
DATA 6
DATA 7
DATA 1
DATA 0
DATA 2
DATA 3
DATA 4
DATA 5
FIFO
CASE 2:
LATENCY = 6 DCI CYCLES
FIFO
WrPtr
FIFO
RdPtr
DATA 6
DATA 7
DATA 1
DATA 0
DATA 2
DATA 3
DATA 4
DATA 5
FIFO
LATENCY = 4 DCI CYCLES
FIFO
WrPtr
FIFO
RdPtr
DATA 6
DATA 7
DATA 1
DATA 0
DATA 7
DATA 0
DATA 1
DATA 2
FIFO
FIFO
WrPtr
FIFO
RdPtr
DATA 3
DATA 4
DATA 6
DATA 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com