Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 8Page - Analog Devices AD9142ABCPZ Datasheet HTML 9Page - Analog Devices AD9142ABCPZ Datasheet HTML 10Page - Analog Devices AD9142ABCPZ Datasheet HTML 11Page - Analog Devices AD9142ABCPZ Datasheet HTML 12Page - Analog Devices AD9142ABCPZ Datasheet HTML 13Page - Analog Devices AD9142ABCPZ Datasheet HTML 14Page - Analog Devices AD9142ABCPZ Datasheet HTML 15Page - Analog Devices AD9142ABCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Data Sheet
AD9142A
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDD33 to GND
−0.3 V to +3.6 V
DVDD18, CVDD18 to GND
−0.3 V to +2.1 V
FSADJ, VREF, IOUT1P, IOUT1N, IOUT2P,
IOUT2N to GND
−0.3 V to AVDD33 + 0.3 V
D15P to D0P, D15N to D0N,
FRAMEP/PARITYP, FRAMEN/PARITYN,
DCIP, DCIN to GND
−0.3 V to DVDD18 + 0.3 V
DACCLKP, DACCLKN, REFP, SYNCP,
REFN, SYNCN to GND
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ1, IRQ2, CS, SCLK, SDIO
to GND
−0.3 V to DVDD18 + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
THERMAL RESISTANCE
The exposed pad (EPAD) must be soldered to the ground plane
(AVSS) for the 72-lead LFCSP. The EPAD provides an electrical,
thermal, and mechanical connection to the board.
Typical θJA, θJB, and θJC values are specified for a 4-layer board in
still air. Airflow increases heat dissipation, effectively reducing
θJA and θJB.
Table 8. Thermal Resistance
Package
θJA
θJB
θJC
Unit
Conditions
72-Lead LFCSP
20.7
10.9
1.1
°C/W
EPAD soldered
to ground plane
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Rev. A | Page 11 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com