Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 65Page - Analog Devices AD9142ABCPZ Datasheet HTML 66Page - Analog Devices AD9142ABCPZ Datasheet HTML 67Page - Analog Devices AD9142ABCPZ Datasheet HTML 68Page - Analog Devices AD9142ABCPZ Datasheet HTML 69Page - Analog Devices AD9142ABCPZ Datasheet HTML 70Page - Analog Devices AD9142ABCPZ Datasheet HTML 71Page - Analog Devices AD9142ABCPZ Datasheet HTML 72Page - Analog Devices AD9142ABCPZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
AD9142A
Data Sheet
SED PATTERN I0 LOW BITS REGISTER
Address: 0x61, Reset: 0x00, Name: SED_PATT_L_I0
Table 92. Bit Descriptions for SED_PATT_L_I0
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_RISE_I0[7:0]
SED I0 rising edge low bits.
0x00
RW
SED PATTERN I0 HIGH BITS REGISTER
Address: 0x62, Reset: 0x00, Name: SED_PATT_H_I0
Table 93. Bit Descriptions for SED_PATT_H_I0
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_RISE_I0[15:8]
SED I0 rising edge high bits.
0x00
RW
SED PATTERN Q0 LOW BITS REGISTER
Address: 0x63, Reset: 0x00, Name: SED_PATT_L_Q0
Table 94. Bit Descriptions for SED_PATT_L_Q0
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_FALL_Q0[7:0]
SED Q0 falling edge low bits.
0x00
RW
SED PATTERN Q0 HIGH BITS REGISTER
Address: 0x64, Reset: 0x00, Name: SED_PATT_H_Q0
Table 95. Bit Descriptions for SED_PATT_H_Q0
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_FALL_Q0[15:8]
SED Q0 falling edge high bits.
0x00
RW
SED PATTERN I1 LOW BITS REGISTER
Address: 0x65, Reset: 0x00, Name: SED_PATT_L_I1
Table 96. Bit Descriptions for SED_PATT_L_I1
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_RISE_I1[7:0]
SED I1 rising edge low bits.
0x00
RW
SED PATTERN I1 HIGH BITS REGISTER
Address: 0x66, Reset: 0x00, Name: SED_PATT_H_I1
Table 97. Bit Descriptions for SED_PATT_H_I1
Bits
Bit Name
Description
Reset
Access
[2:0]
SED_PATTERN_RISE_I1[15:8]
SED I1 rising edge high bits.
0x00
RW
SED PATTERN Q1 LOW BITS REGISTER
Address: 0x67, Reset: 0x00, Name: SED_PATT_L_Q1
Table 98. Bit Descriptions for SED_PATT_L_Q1
Bits
Bit Name
Description
Reset
Access
[7:0]
SED_PATTERN_FALL_Q1[7:0]
SED Q1 falling edge low bits.
0x00
RW
Rev. A | Page 68 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com