Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 12Page - Analog Devices AD9142ABCPZ Datasheet HTML 13Page - Analog Devices AD9142ABCPZ Datasheet HTML 14Page - Analog Devices AD9142ABCPZ Datasheet HTML 15Page - Analog Devices AD9142ABCPZ Datasheet HTML 16Page - Analog Devices AD9142ABCPZ Datasheet HTML 17Page - Analog Devices AD9142ABCPZ Datasheet HTML 18Page - Analog Devices AD9142ABCPZ Datasheet HTML 19Page - Analog Devices AD9142ABCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Data Sheet
AD9142A
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Single Tone (0 dBFS) SFDR vs. fOUT in the First Nyquist Zone over fDAC
Figure 4. Single Tone Second Harmonic vs. fOUT in the First Nyquist Zone
over Digital Back Off, fDAC = 1474.56 MHz
Figure 5. Single Tone Third Harmonic vs. fOUT in the First Nyquist Zone
over Digital Back Off, fDAC = 1474.56 MHz
Figure 6. In-Band, Single Tone SFDR (Excluding Second Harmonic) vs. fOUT in
80 MHz and 300 MHz Bandwidths, fDAC = 737.28 MHz
Figure 7. In-Band, Single Tone SFDR (Excluding Second Harmonic) vs. fOUT in
80 MHz and 300 MHz BW, fDAC = 983.04 MHz
Figure 8. In-Band, Single Tone SFDR (Excluding Second Harmonic) vs. fOUT in
80 MHz and 300 MHz Bandwidths, fDAC = 1228.8 MHz
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 737.28MHz
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
200
300
400
500
600
700
800
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–16dBFS
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
200
300
400
500
600
700
800
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–16dBFS
–60
< –85
–85
–80
–75
–70
–65
0
20
40
60
80
100
140
180
120
160
200
fOUT (MHz)
BW = 80MHz, –6dBFS
BW = 80MHz, –12dBFS
BW = 300MHz, –6dBFS
BW = 300MHz, –12dBFS
–85 MEANS ≤ –85
–60
< –85
–85
–80
–75
–70
–65
0
300
250
200
150
100
50
fOUT (MHz)
BW = 80MHz, –6dBFS
BW = 80MHz, –12dBFS
BW = 300MHz, –6dBFS
BW = 300MHz, –12dBFS
–85 MEANS ≤ –85
–60
< –85
–85
–80
–75
–70
–65
0
350
300
250
200
150
100
50
fOUT (MHz)
BW = 80MHz, –6dBFS
BW = 80MHz, –12dBFS
BW = 300MHz, –6dBFS
BW = 300MHz, –12dBFS
–85 MEANS ≤ –85
Rev. A | Page 15 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com