Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 21Page - National Semiconductor (TI) PC8477B Datasheet HTML 22Page - National Semiconductor (TI) PC8477B Datasheet HTML 23Page - National Semiconductor (TI) PC8477B Datasheet HTML 24Page - National Semiconductor (TI) PC8477B Datasheet HTML 25Page - National Semiconductor (TI) PC8477B Datasheet HTML 26Page - National Semiconductor (TI) PC8477B Datasheet HTML 27Page - National Semiconductor (TI) PC8477B Datasheet HTML 28Page - National Semiconductor (TI) PC8477B Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
40 Command Set Description (Continued)
Once the desired sector Address Field is found the control-
ler waits for the Data Separator to find the subsequent Data
Field for that sector If the Data Field (normal or deleted) is
not found with the expected time the controller terminates
the operation and enters the Result Phase (MD is set in
ST2) If a Deleted Data Mark is found and SK was set in the
Opcode command byte the controller skips this sector and
searches for the next sector Address Field as described
above The effect of SK on the Read Data command is
summarized in Table 4-6
Having found the Data Field the controller then transfers
data bytes from the disk drive to the host (described in Sec-
tion 53 Controller Phases) until the bytes per sector count
has been reached or the host terminates the operation
(through TC end of track or implicitly through overrun) The
controller will then generate the CRC for the sector and
compare this value with the CRC at the end of the Data
Field
Having finished reading the sector the controller will contin-
ue reading the next logical sector unless one or more of the
following termination conditions occurred
1 The DMA controller asserted TC The IC bits in ST0 are
set to Normal Termination
2 The last sector address (of side 1 if MT was set) was
equal to EOT The EOT bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination This is the expect-
ed condition during Non-DMA transfers
3 Overrun error The OR bit in ST1 is set The IC bits in ST0
are set to Abnormal Termination If the mP cannot service
a transfer request in time the last correctly read byte will
be transferred
4 CRC error The CE bit in ST1 and CD bit in ST2 are set
The IC bits in ST0 are set to Abnormal Termination
If MT was set in the Opcode command byte and the last
sector of side 0 has been transferred the controller will then
continue with side 1 starting with sector 1 and continuing
until EOT sector number is reached or TC occurs
Upon terminating the Execution Phase of the Read Data
command the controller will assert INT indicating the be-
ginning of the Result Phase The mP must then read the
result bytes from the FIFO The values that will be read back
in the result bytes are shown in Table 4-7 If an error occurs
the result bytes will indicate the sector read when the error
occurred
4210 Read Deleted Data Command
The Read Deleted Data command reads logical sectors
containing a Deleted Data AM from the selected drive and
makes the data available to the host mP This command is
identical to the Read Data command except for the setting
of the CM bit in ST2 and the skipping of sectors The effect
of SK on the Read Deleted Data command is summarized in
Table 4-8 See Table 4-7 for the state of the result bytes for
a Normal Termination of the command
TABLE 4-6 SK Effect on Read Data Command
SK
Data Type
Sector Read
CM Bit (ST2)
Description of Results
0
Normal
Y
0
Normal Termination
0
Deleted
Y
1
No Further Sectors Read
1
Normal
Y
0
Normal Termination
1
Deleted
N
1
Sector Skipped
TABLE 4-7 Result Phase Termination Values with No Error
MT
HD
Last Sector
ID Information at Result Phase
Track
Head
Sector
BytesSector
00
k
EOT
NC
NC
S a 1NC
00
e
EOT
T a 1NC
1
NC
01
k
EOT
NC
NC
S a 1NC
01
e
EOT
T a 1NC
1
NC
10
k
EOT
NC
H
S a 1NC
10
e
EOT
T a 10
1
NC
11
k
EOT
NC
H
S a 1NC
11
e
EOT
T a 10
1
NC
EOT e End of Track Sector Number from Command Phase
NC e No Change in Value
S e Sector Number last operated on by controller
T e Track Number programmed in Command Phase
H e Head last selected by controller
TABLE 4-8 SK Effect on Read Deleted Data Command
SK
Data Type
Sector Read
CM Bit (ST2)
Description of Results
0
Normal
Y
1
No Further Sectors Read
0
Deleted
Y
0
Normal Termination
1
Normal
N
1
Sector Skipped
1
Deleted
Y
0
Normal Termination
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com