Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) PC8477B Datasheet HTML 18Page - National Semiconductor (TI) PC8477B Datasheet HTML 19Page - National Semiconductor (TI) PC8477B Datasheet HTML 20Page - National Semiconductor (TI) PC8477B Datasheet HTML 21Page - National Semiconductor (TI) PC8477B Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
40 Command Set Description (Continued)
SET TRACK
Command Phase
0WNR100
0
0
1
0
0
1
1
0
MSB
DR1
DR0
New Track Number (PTR)
Execution Phase
Internal register is read or written
Result Phase
Value
SPECIFY
Command Phase
0000001
1
Step Rate Time
Motor Off Time
Motor On Time
DMA
Execution Phase
Internal registers are written
No Result Phase
VERIFY
Command Phase
MT
MFM
SK
1
0
1
1
0
EC
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data LengthSector Count
Execution Phase
Data is read from disk but not transferred
to the system
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
VERSION
Command Phase
00010000
Result Phase
10010000
WRITE DATA
Command Phase
MT
MFM
0
0
0
1
0
1
IPS
X
XXXHDDR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Execution Phase
Data is transferred from the system to
the controller via DMA or Non-DMA modes and written to
the disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
WRITE DELETED DATA
Command Phase
MT
MFM
0
0
1
0
0
1
IPS
X
XXXHDDR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Execution Phase
Data is transferred from the system to
the controller via DMA or Non-DMA modes and written to
the disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com