Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 39Page - National Semiconductor (TI) PC8477B Datasheet HTML 40Page - National Semiconductor (TI) PC8477B Datasheet HTML 41Page - National Semiconductor (TI) PC8477B Datasheet HTML 42Page - National Semiconductor (TI) PC8477B Datasheet HTML 43Page - National Semiconductor (TI) PC8477B Datasheet HTML 44Page - National Semiconductor (TI) PC8477B Datasheet HTML 45Page - National Semiconductor (TI) PC8477B Datasheet HTML 46Page - National Semiconductor (TI) PC8477B Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
60 Device Description (Continued)
625 DMA Timing
Symbol
Parameter
Min
Max
Units
tQP
DRQ Period (Except Non-Burst DMA) (Note 8)
8 x tDRP
m
s
tQQ
DRQ Inactive Non-Burst Pulse Width
300
400
ns
tKQ
DACK Active Edge to DRQ Inactive
65
ns
tRQ
RD WR Active Edge to DRQ Inactive (Note 7)
65
ns
tQR
DRQ to RD WR Active
15
ns
tTT
TC Active Pulse Width
50
ns
tTQ
TC Active Edge to DRQ Inactive (Note 9)
75
ns
tKK
DACK Active Pulse Width
65
ns
tKI
DACK Inactive Pulse Width
25
ns
tKR
DACK Setup to RD WR Active
5
ns
tRK
DACK Hold from RD WR Inactive
0
ns
tQW
DRQ to End of RD WR (Note 8)
(8 x tDRP
m
s
(DRQ Service Time)
b
16xtICP)
tQT
DRQ to TC Active (Note 8)
(8 x tDRP
m
s
(DRQ Service Time)
b
16xtICP)
Note 7
The active edge of RD or WR is recognized only when DACK is active
Note 8
Values shown are with the FIFO disabled or with FIFO enabled and THRESH e 0 For nonzero values of THRESH add (THRESHx8xtDRP) to the values
shown
Note 9
During normal DMA operation TC should occur when DACK is active during the last byte of the last sector transferred
TLF11332 – 19
FIGURE 6-4 DMA Timing
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com