Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 42Page - National Semiconductor (TI) PC8477B Datasheet HTML 43Page - National Semiconductor (TI) PC8477B Datasheet HTML 44Page - National Semiconductor (TI) PC8477B Datasheet HTML 45Page - National Semiconductor (TI) PC8477B Datasheet HTML 46Page - National Semiconductor (TI) PC8477B Datasheet HTML 47Page - National Semiconductor (TI) PC8477B Datasheet HTML 48Page - National Semiconductor (TI) PC8477B Datasheet HTML 49Page - National Semiconductor (TI) PC8477B Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
70 Reference Section
71 MNEMONIC DEFINITIONS FOR PC8477B COMMANDS
Symbol
Description
BFR
Buffer enable bit used in the Mode command
Enabled open-collector output buffers
BST
Burst Mode disable control bit used in Mode
command Selects the Non-Burst FIFO mode if
the FIFO is enabled
DC0
Drive Configuration 0 – 3 Used to set a drive to
conventional or perpendicular mode Used in
DC1
Perpendicular Mode command
DC2
DC3
DENSEL Density Select control bits used in the Mode
command
DIR
Direction control bit used in Relative Seek
command to indicate step in or out
DMA
DMA mode enable bit used in the Specify
command
DR0
Drive Select 0 – 1 bits used in most commands
Selects the logical drive
DTL
Data Length parameter used in the Read Write
Scan and Verify commands
EC
Enable Count control bit used in the Verify
command When this bit is 1 the DTL parameter
becomes SC (Sector Count)
EIS
Enable Implied Seeks Used in the Configure
command
EOT
End of Track parameter set in the Read Write
Scan and Verify commands
ETR
Extended Track Range used with the Seek
command
FIFO
First-In First-Out buffer Also a control bit used in
the Configure command to enable or disable the
FIFO
FRD
FIFO Read disable control bit used in the Mode
command
FWR
FIFO Write disable control bit used in the Mode
command
GAP
Gap2 control bit used in the Perpendicular Mode
command
HD
Head Select control bit used in most commands
Selects Head 0 or 1 of the disk
IAF
Index Address Field control bit used in the Mode
command Enables the ISO Format during the
Format command
IPS
Implied Seek enable bit used in the Mode Read
Write and Scan commands
LOCK
Lock enable bit in the Lock command Used to
make certain parameters unaffected by a
software reset
LOW
Low Power control bits used in the Mode
command
PWR
Symbol
Description
MFM
Modified Frequency Modulation control bit used
in the Read Write Format Scan and Verify
commands Selects MFM or FM data encoding
MFT
Motor Off Time programmed in the Specify
command
MNT
Motor On Time programmed in the Specify
command
MT
Multi-Track enable bit used in the Read Write
Scan and Verify commands
OW
Overwrite control bit used in the Perpendicular
Mode command
POLL
Enable Drive Polling bit used in the Configure
command
PRETRK Precompensation Track Number used in the
Configure command
PTR
Present Track Register Contains the internal
track number for one of the four logical disk
drives
PU
Pump diagnostic enable bit used in the Mode
command
R255
Recalibrate control bit used in Mode command
Sets maximum recalibrate step pulses to 255
RG
Read Gate diagnostic enable bit used in the
Mode command
RTN
Relative Track Number used in the Relative
Seek command
SC
Sector Count control bit used in the Verify
command
SK
Skip control bit used in read and scan
operations
SRT
Step Rate Time programmed in the Specify
command Determines the time between step
pulses for seek and recalibrates
ST0
Status Register 0 – 3 Contains status
information about the execution of a command
ST1
Read in the Result Phase of some commands
ST2
ST3
THRESH FIFO threshold parameter used in the Configure
command
TMR
Timer control bit used in the Mode command
Affects the timers set in the Specify command
WG
Write Gate control bit used in the Perpendicular
Mode command
WLD
Wildcard bit in the Mode command used to
enable or disable the wildcard byte (FF) during
Scan commands
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com