Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 5Page - National Semiconductor (TI) PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
30 Register Description
The following PC8477B registers are mapped into the ad-
dresses shown below with the base address range being
provided by the CS pin For PC-AT or PS2 applications the
diskette controller primary address range is 3F0 to 3F7
(hex) and the secondary address range is 370 to 377 (hex)
The PC8477B supports three different register modes the
PC-AT mode PS2 mode (Models 506080) and the Mod-
el 30 mode (Model 30) See Section 51 for more details on
how each register mode is enabled When applicable the
register definition for each mode of operation will be given
If no special notes are made then the register is valid for all
three register modes
TABLE 3-1 Register Description and Addresses
A2
A1
A0
IDENT
RW
Register
0
0
0
0
R
Status Register A
SRA
0
0
1
0
R
Status Register B
SRB
0
1
0
X
RW
Digital Output Register
DOR
0
1
1
X
RW
Tape Drive Register
TDR
1
0
0
X
R
Main Status Register
MSR
1
0
0
X
W
Data Rate Select Register
DSR
1
0
1
X
RW
Data Register (FIFO)
FIFO
1
1
0
X
X
None (Bus TRI-STATE)
1
1
1
X
R
Digital Input Register
DIR
1
1
1
X
W
Configuration Control Register
CCR
Note
SRA and SRB are enabled by IDENT e 0 during a chip reset only
31 STATUS REGISTER A (SRA)
Read Only
This is a read only diagnostic register that is part of the
PS2 floppy controller register set and is enabled when in
the PS2 or Model 30 mode This register monitors the state
of the INT pin and some of the disk interface signals The
state of these bits is independent of the INVERT pin The
SRA can be read at any time when in PS2 mode In the
PC-AT mode D7 – D0 are TRI-STATE during a mP read
311 SRAPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
INT
DRV2 STEP TRK0 HDSEL INDX WP DIR
PEND
RESET
0
NA
0
NA
0
NA NA
0
COND
D7
Interrupt Pending
This active high bit reflects
the state of the INT pin
D6
2nd Drive Installed
Active low status of the
DRV2 disk interface input indicating if a second
drive has been installed
D5
Step
Active high status of the STEP disk inter-
face output
D4
Track 0
Active low status of the TRK0 disk in-
terface input
D3
Head Select
Active high status of the HDSEL
disk interface output
D2
Index
Active low status of the INDEX disk in-
terface input
D1
Write Protect
Active low status of the WP disk
interface input
D0
Direction
Active high status of the DIR disk in-
terface output
312 SRA
Model 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
INT
DRQ STEP TRK0 HDSEL INDX WP DIR
PEND
RESET
0
0
0
NA
1
NA NA
1
COND
D7
Interrupt Pending
This active high bit reflects
that state of the INT pin
D6
DMA Request
Active high status of the DRQ
signal
D5
Step
Active high status of the latched STEP
disk interface output This bit is latched with the
STEP output going active and is cleared with a
read from the DIR or with a hardware or soft-
ware reset
D4
Track 0
Active high status of TRK0 disk inter-
face input
D3
Head Select
Active low status of the HDSEL
disk interface output
D2
Index
Active high status of the INDEX disk in-
terface input
D1
Write Protect
Active high status of the WP
disk interface input
D0
Direction
Active low status of the DIR disk in-
terface output
32 STATUS REGISTER B (SRB)
Read Only
This is a read only diagnostic register that is part of the
PS2 floppy controller register set and is enabled when in
the PS2 or Model 30 mode The state of these bits is inde-
pendent of the INVERT pin The SRB can be read at any
time when in PS2 mode In the PC-AT mode D7 – D0 are
TRI-STATE during a mP read
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com