Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 2Page - National Semiconductor (TI) PC8477B Datasheet HTML 3Page - National Semiconductor (TI) PC8477B Datasheet HTML 4Page - National Semiconductor (TI) PC8477B Datasheet HTML 5Page - National Semiconductor (TI) PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
20 Pin Description
Symbol
PLCC
PQFP
IO
Function
Pin
Pin
A0
7
44
I
Address
These address lines from the microprocessor determine which internal FDC
A1
8
45
register is accessed See TABLE 3-1 in the Register Description section A0 – A2 are don’t
A2
10
46
cares during a DMA transfer
AVCC
46
17
Analog Supply
This pin is the 5V supply for the analog data separator
CS
643
I
Chip Select
Active low input from address decoder used to enable the RD and WR inputs
during register IO Should be held inactive during DMA transfers
D0
11
47
IO
Data
Bi-directional data lines to the microprocessor D0 is the LSB and D7 is the MSB
D1
13
48
These signals all have 12 mA buffered outputs
D2
14
49
D3
15
50
D4
17
52
D5
19
54
D6
20
55
D7
22
56
DACK
340
I
DMA Acknowledge
Active low input to acknowledge the DMA request and enable the RD
and WR inputs during a DMA transfer DACK should be held inactive high during normal read
or write accesses when CS is active When in PC-AT or Model 30 mode this signal is
enabled by bit D3 of the DOR When in PS2 mode DAK is always enabled and bit D3 of the
DOR is reserved
DENSEL
49
19
O
Density Select
Indicates when a high density data rate (500 kbs or 1 Mbs) or a low
density data rate (250 or 300 kbs) has been selected DENSEL is active high for high
density (525 drives) when IDENT is high and active low for high density (35 drives) when
IDENT is low DENSEL is also programmable via the Mode command (see Section 426)
DIR
56
26
O
Direction
This output determines the direction of the head movement (active e step in
inactive e step out) during a seek operation During read or writes DIR will be inactive
DR0
58
28
O
Drive Select 0 – 3
These are the decoded drive select outputs that are controlled by Digital
DR1
62
32
Output Register bits D0 D1 The Drive Select outputs are gated by DOR bits 4 – 7
DR2
64
34
DR3
67
36
DRATE0
28
2
O
Data Rate 01
These outputs reflect the currently selected data rate (bits 0 and 1 in the
DRATE1
29
3
CCR or the DSR whichever was written to last) These pins are totem-pole buffered outputs
(6 mA sink 4 mA source)
DRQ
24
58
O
DMA Request
Active high output to signal the DMA controller that a data transfer is needed
When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2
mode DRQ is always enabled and bit D3 of the DOR is reserved
DRV2
30
4
I
Drive2
This input indicates whether a second disk drive has been installed The state of this
pin is available from Status Register A in PS2 mode
DSKCHG
31
5
I
Disk Change
The input indicates if the drive door has been opened The state of this pin is
available from the Digital Input register This pin can also be configured as the RGATE data
separator diagnostic input via the Mode command (see Section 426)
GND
9 12
10 11
Ground
16 21
12 14
36 50
15 20
54 59
24 29
65
51
GNDA
45
16
Analog Ground
This is the analog ground for the data separator
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com