Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 46Page - National Semiconductor (TI) PC8477B Datasheet HTML 47Page - National Semiconductor (TI) PC8477B Datasheet HTML 48Page - National Semiconductor (TI) PC8477B Datasheet HTML 49Page - National Semiconductor (TI) PC8477B Datasheet HTML 50Page - National Semiconductor (TI) PC8477B Datasheet HTML 51Page - National Semiconductor (TI) PC8477B Datasheet HTML 52Page - National Semiconductor (TI) PC8477B Datasheet HTML 53Page - National Semiconductor (TI) PC8477B Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
70 Reference Section (Continued)
74 SOFTWARE INITIALIZATION SEQUENCE
Following power up the system will issue a hardware reset
to the PC8477B This will put the internal registers and cir-
cuitry into a known state after which the software initializa-
tion sequence can begin
End Reset
The first task is to bring the PC8477B out of
the reset state by writing 0CH to the DOR register The
software should then poll the MSR until 80H is returned At
this point the controller is ready to begin processing com-
mands
Service Ready Changed State Interrupt
Once an inter-
rupt is received the software should issue 4 SENSE INTER-
RUPT commands for each of the 4 logical drives This is
due to the fact that after a reset drive polling is enabled by
default
Set Data Rate
The data rate should be set via a write to
the CCR register The default state is 250 kbs following
reset
Configure the FIFO
The default setting is with the FIFO
disabled If the perpendicular format is to be supported the
FIFO will need to be enabled due to the higher data rates
used The FIFO threshold level should be set based on the
DMA response time of the system
A lower value of
THRESH corresponds to a fast system with a quick DMA
response time whereas a higher value of THRESH corre-
sponds to a sluggish system with slower DMA response
time A write to the configuration register is also used to
enable implied seeks if that feature is desired
Lock
This command will lock the FIFO parameters which
will leave them unaffected following a reset Set the LOCK
bit to 1 to lock the parameters
Specify Command
After a reset a specify command must
always be issued in the initialization sequence This is be-
cause there is no default for these values With this com-
mand you will set up the motor on and motor off times as
well as the step rate times DMA mode is also enabled via
this command
Mode Command
There are several advanced features
that can be enabled via the mode command Head settling
time for implied seeks open collector drive interface out-
puts ISO format pattern low power modes enabling 255
step pulses for higher density media and FIFO burst mode
are just some of the features
Recalibrate Drive
First access to the drive should be to
RECALIBRATE to track 0 Following the recalibrate com-
mand it is necessary to issue a SENSE INTERRUPT com-
mand to determine if the recalibrate was successful If no
track 0 was detected an error will be reported This is a
common method to determine if a drive is connected
SeekReadWriteFormat
At this point the initialization
is complete and normal disk IO operations would start to
occur In normal operations it would not be necessary to re-
initialize prior to each access Normal disk IO operations
would include writes to CCR register to change data rates
recalibrating to track 0 toggling the motor and drive selects
through the DOR register seeking to the appropriate track
and initializing the DMA controller prior to ReadWriteFor-
mat commands
Figure 7-2 shows a block diagram representing the initializa-
tion sequence for the PC8477B
TLF11332 – 25
FIGURE 7-2 PC8477B Initialization
75 PC8477APC8477B DIFFERENCES
There are two differences to note between the 8477A and
8477B versions The NSC command result phase returns a
73H in the 8477B and returns a 72H in the 8477A This
command is used strictly to distinguish new revisions of the
part The second difference pertains to the Motor On Time
(MNT) values when the FDC is in Mode 1 The new table is
listed in Table 4-15 of this document The MNT values at
500 kbs for Mode 1 were changed to be the same as the
1 Mbs values The changes to the MNT values should not
affect application software
76 REVISION HISTORY
Nov 1990 Preliminary PC8477 datasheet
May 1992 Preliminary PC8477B datasheet
Add new part markings
Add PQFP package option
Add 125 Mbs data rate support
Add Dynamic Window Margin spec
Improve ICC and AC databus timings
Add applications reference section
June 1993 Final PC8477B datasheet
Elimination of 125 Mbs data rate support
Elimination of FM mode functional testing
ESD tolerance spec raised to 2000V
Replace tQK spec with tKR and tRK
Change tRC spec from 160 ns to 300 ns
Change tWDW
300 Kbs from 416 ns to 375 ns
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com