Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 25Page - National Semiconductor (TI) PC8477B Datasheet HTML 26Page - National Semiconductor (TI) PC8477B Datasheet HTML 27Page - National Semiconductor (TI) PC8477B Datasheet HTML 28Page - National Semiconductor (TI) PC8477B Datasheet HTML 29Page - National Semiconductor (TI) PC8477B Datasheet HTML 30Page - National Semiconductor (TI) PC8477B Datasheet HTML 31Page - National Semiconductor (TI) PC8477B Datasheet HTML 32Page - National Semiconductor (TI) PC8477B Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
40 Command Set Description (Continued)
TABLE 4-16 Verify Command Result Phase Table
MT
EC
SCEOT Value
Termination Result
0
0
DTL used (should be FF hex)
No Errors
EOT s
Sectors per Side
0
0
DTL used (should be FF hex)
Abnormal Termination
EOT l
Sectors per Side
01
SC s
Sectors per Side
No Errors
AND
SC s EOT
01
SC l
Sectors Remaining
Abnormal Termination
OR
SC l EOT
1
0
DTL used (should be FF hex)
No Errors
EOT s
Sectors per Side
1
0
DTL used (should be FF hex)
Abnormal Termination
EOT l
Sectors per Side
11
SC s
Sectors per Side
No Errors
AND
SC s EOT
11
SC s (EOT x 2)
No Errors
AND
EOT s
Sectors per Side
11
SC l (EOT x 2)
Abnormal Termination
Note 1
Sectors per Side e number of formatted sectors per each side of the disk
Note 2
Sectors Remaining e number of formatted sectors left which can be read which includes side 1 of the disk if the MT bit is set to 1
Note 3
If MT e 1 and the SC value is greater than the number of remaining formatted sectors on side 0 verifying will continue on side 1 of the disk
4222 Version Command
The Version command can be used to determine the floppy
controller being used The Result Phase uniquely identifies
the floppy controller version The PC8477B returns a value
of 90 hex in order to be compatible with the 82077 The
DP8473 and other NEC765 compatible controllers will re-
turn a value of 80 hex (invalid command)
4223 Write Data Command
The Write Data command receives data from the host and
writes logical sectors containing a Normal Data AM to the
selected drive The operation of this command is similar to
the Read Data command except that the data is transferred
from the mP to the controller instead of the other way
around
The controller will simulate the Motor On time before start-
ing the operation If implied seeks are enabled the seek and
sense interrupt functions are then performed The controller
then starts the Data Separator and waits for the Data Sepa-
rator to find the next sector Address Field The controller
compares the Address ID (track head sector bytes per
sector) with the desired ID specified in the Command
Phase If there is no match the controller waits to find the
next sector Address Field This process continues until the
desired sector is found If an error condition occurs the IC
bits in ST0 are set to Abnormal Termination and the con-
troller enters the Result Phase Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller will hang up
The mP must then take the controller out of this hung
state by writing a byte to the FIFO This will put the con-
troller into the Result Phase
2 Two index pulses were detected since the search began
and no valid ID has been found If the track address ID
differs the WT bit or BT bit (if the track address is FF hex)
will be set in ST2 If the head sector or bytes per sector
code did not match the ND bit is set in ST1 If the Ad-
dress Field AM was never found the MA bit is set in ST1
3 The Address Field was found with a CRC error The CE
bit is set in ST1
4 If the controller detects the Write Protect disk interface
input is asserted bit 1 of ST1 is set
If the correct Address Field is found the controller waits for
all (conventional mode) or part (perpendicular mode) of
GAP2 to pass The controller will then write the preamble
field address marks and data bytes to the Data Field The
data bytes are transferred to the controller by the mP
Having finished writing the sector the controller will contin-
ue reading the next logical sector unless one or more of the
following termination conditions occurred
1 The DMA controller asserted TC The IC bits in ST0 are
set to Normal Termination
2 The last sector address (of side 1 if MT was set) was
equal to EOT The EOT bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination This is the expect-
ed condition during Non-DMA transfers
3 Underrun error The OR bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination If the mP cannot
service a transfer request in time the last correctly writ-
ten byte will be written to the disk
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com