Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC8477B Datasheet HTML 1Page - National Semiconductor (TI) PC8477B Datasheet HTML 2Page - National Semiconductor (TI) PC8477B Datasheet HTML 3Page - National Semiconductor (TI) PC8477B Datasheet HTML 4Page - National Semiconductor (TI) PC8477B Datasheet HTML 5Page - National Semiconductor (TI) PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TLF11332
August 1993
PC8477B (SuperFDC
TM )
Advanced Floppy Disk Controller
General Description
The PC8477B CMOS advanced floppy disk controller is an
enhanced version of National’s DP8473 floppy controller
The PC8477B is software compatible with the DP8473 and
NEC mPD765 floppy disk controllers In addition it is pin and
software compatible with the Intel 82077AA floppy control-
ler The PC8477B a 24 MHz crystal a device chip select
and a resistor package are all that is needed for a complete
PC-AT
PS2
or EISA floppy controller solution
The PC8477B includes advanced features such as a
16 byte FIFO (Burst and Non-Burst modes) support of Per-
pendicular Recording Mode disk drives PS2 diagnostic
registers for Model 30 and Models 506080 standard
CMOS disk IO and additional commands to control these
new features The 16 byte FIFO will increase system per-
formance at higher data rates and with multi-tasking bus
structures This controller is designed to fit into all PC-AT
EISA and PS2 designs as well as other advanced applica-
tions
Features
Y
Pin and software compatible with Intel 82077AA FDC
Y
Software compatible with NSC’s DP8473
Y
16 byte FIFO (default disabled)
Burst and Non-Burst modes
Programmable threshold
Y
Perpendicular Mode Recording drive support
Y
High performance internal analog data separator (no
external filter components required)
Y
Low power CMOS with manual power down mode
Y
Automatic power down mode for complete software
transparency
Y
Integrates all PC-AT and PS2 logic
On chip Oscillator
PC compatible FDC address decode
PS2 Model 30 and Model 506080 diagnostic
registers
DMA control circuitry
High current CMOS disk interface outputs
Data Rate and Digital Output registers
12 mA mP bus interface buffers
Y
Data Rate Support 250300 kbs 500 kbs
and 1 Mbs
Y
Write precompensation software programmable
Y
68 pin PLCC package
Y
60 pin PQFP package
Ideal for space limited applications
Functional Block Diagram
TLF11332 – 3
FIGURE 1-1
SuperFDCTM is a trademark of National Semiconductor Corporation
TRI-STATE
is a registered trademark of National Semiconductor Corporation
IBM
PC-AT
and PS2
are registered trademarks of International Business Machines Corp
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - PC8477B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
Advanced Floppy Disk Formatter/Controller Family
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com