Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 4Page - National Semiconductor (TI) PC8477B Datasheet HTML 5Page - National Semiconductor (TI) PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
20 Pin Description (Continued)
Symbol
PLCC
PQFP
IO
Function
Pin
Pin
PLL0
39
(Note 1)
Phase Locked Loop 01
No connects These pins can be tied high or low with no affect
PLL1
40
on the data separator performance
RD
441
I
Read
Active low input to signal a read from the controller to the microprocessor
RDATA
41
13
I
Read Data
This input is the raw serial data read from the disk drive
RESET
32
6
I
Reset
Active high input that resets the controller to the idle state and resets all disk
interface outputs to their inactive states The DOR DSR CCR Mode command
Configure command and Lock command parameters are cleared to their default values
The Specify command parameters are not affected
STEP
55
25
O
Step
This output signal issues pulses to the disk drive at a software programmable rate
to move the head during a seek operation
TC
25
59
I
Terminal Count
Control signal from the DMA controller to indicate the termination of a
DMA transfer TC is accepted only when DACK is active TC is active high in PC-AT and
Model 30 modes and active low in PS2 mode
TRK0
2
39
I
Track 0
This input indicates to the controller that the head of the selected disk drive is at
track zero
VCC
18
30
Voltage
This is the a5V supply voltage for the digital circuitry
60
37
68
53
WDATA
53
23
O
Write Data
This output is the write precompensated serial data that is written to the
selected disk drive Precompensation is software selectable
WGATE
52
22
O
Write Gate
This output signal enables the write circuitry of the selected disk drive
WGATE has been designed to prevent glitches during power up and power down This
prevents writing to the disk when power is cycled
WP
1
38
I
Write Protect
This input indicates that the disk in the selected drive is write protected
WR
542
I
Write
Active low input to signal a write from the microprocessor to the controller
XTAL1CLK
33
7
I
Crystal1Clock
One side of an external 24 MHz crystal is attached here If a crystal is
not used a TTL or CMOS compatible clock is connected to this pin
XTAL2
34
8
I
Crystal2
One side of an external 24 MHz crystal is attached here This pin is left
unconnected if an external clock is used
Note 1
When converting the 68 pin PLCC to a 60 pin PQFP eight pins were removed The following signals were affected in this conversion process
1 NC (No Connect) signals on pins 42 and 43 of the 68 pin PLCC were converted to GND (Ground) signals on pins 14 and 15 of the 60 pin PQFP
respectively
2 NC (No Connect) signals on pins 44 and 47 of the 68 pin PLCC were removed for the 60 pin PQFP
3 HIFIL (pin 38) and LOFIL (pin 37) of the 68 pin PLCC were removed for the 60 pin PQFP
4 PLL0 (pin 39) and PLL1 (pin 40) of the 68 PLCC were converted to GND (ground) signals on the PQFP (pins 11 and 12 respectively)
5 The GND (ground) signals on pins 9 12 21 and 65 of the 68 pin PLCC are not available for the 60 pin PQFP These signals are tied to ground internally
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com