Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
30 Register Description (Continued)
34 DRIVE REGISTER (TDR)
ReadWrite
This register is used to assign a particular drive number with
the tape drive support mode of the data separator All other
logical drives are assigned floppy drive support with the
data separator Any future reference to the assigned tape
drive will invoke tape drive support The TDR is unaffected
by a software reset
TDR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
XXXXXX
TAPE TAPE
SEL1 SEL0
RESET
NA NA NA NA NA NA
0
0
COND
D7 – D2
Reserved
These bits are ignored when written
to and are TRI-STATE when read
D1 – D0
Tape Select 10
These two bits assign a logical
drive number to be a tape drive Drive 0 is not
available as a tape drive and is reserved as the
floppy disk boot drive See Table 3-3 for the
tape drive assignment values
TABLE 3-3 Tape Drive Assignment Values
TAPESEL1
TAPESEL0
DRIVE
SELECTED
0
0
None
01
1
10
2
11
3
35 MAIN STATUS REGISTER (MSR)
Read Only
The read only Main Status Register indicates the current
status of the disk controller The Main Status Register is
always available to be read One of its functions is to control
the flow of data to and from the Data Register (FIFO) The
Main Status Register indicates when the disk controller is
ready to send or receive data through the Data Register It
should be read before each byte is transferred to or from
the Data Register except during a DMA transfer No delay is
required when reading this register after a data transfer
After a hardware or software reset or recovery from a pow-
er down state the Main Status Register is immediately avail-
able to be read by the mP It will contain a value of 00 hex
until the oscillator circuit has stabilized and the internal reg-
isters have been initialized When the PC8477B is ready to
receive a new command it will report an 80 hex to the mP
The system software can poll the MSR until it is ready The
worst case time allowed for the MSR to report an 80 hex
value (RQM set) is 25 ms after reset or power up
MSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
RQM DIO NON CMD DRV3 DRV2 DRV1 DRV0
DMA PROG BUSY BUSY BUSY BUSY
RESET
0
0
0
0
0000
COND
D7
Request for Master
Indicates that the control-
ler is ready to send or receive data from the mP
through the FIFO This bit is cleared immediate-
ly after a byte transfer and will become set
again as soon as the disk controller is ready for
the next byte During a Non-DMA Execution
phase the RQM indicates the status of the in-
terrupt pin
D6
Data IO (Direction)
Indicates whether the
controller is expecting a byte to be written to (0)
or read from (1) the Data Register
D5
Non-DMA Execution
Indicates that the con-
troller is in the Execution Phase of a byte trans-
fer operation in the Non-DMA mode Used for
multiple byte transfers by the mP in the Execu-
tion Phase through interrupts or software poll-
ing
D4
Command in Progress
This bit is set after the
first byte of the Command Phase is written This
bit is cleared after the last byte of the Result
Phase is read If there is no Result Phase in a
command the bit is cleared after the last byte
of the Command Phase is written
D3
Drive 3 Busy
Set after the last byte of the
Command Phase of a Seek or Recalibrate com-
mand is issued for drive 3 Cleared after reading
the first byte in the Result Phase of the Sense
Interrupt Command for this drive
D2
Drive 2 Busy
Same as above for drive 2
D1
Drive 1 Busy
Same as above for drive 1
D0
Drive 0 Busy
Same as above for drive 0
36 DATA RATE SELECT REGISTER (DSR)
Write Only
This write only register is used to program the data rate
amount of write precompensation power down mode and
software reset The data rate is programmed via the CCR
not the DSR for PC-AT and PS2 Model 30 and MicroChan-
nel applications Other applications can set the data rate in
the DSR The data rate of the floppy controller is deter-
mined by the most recent write to either the DSR or CCR
The DSR is unaffected by a software reset A hardware re-
set will set the DSR to 02 (hex) which corresponds to the
default precompensation setting and 250 kbs
DSR
D7
D6 D5
D4
D3
D2
D1
D0
DESC
SW LOW
0
PRE-
PRE-
PRE-
DRATE1 DRATE0
RESET PWR
COMP2 COMP1 COMP0
RESET
0
0
0
000
1
0
COND
D7
Software Reset
A 1 in this bit location will re-
set the part similar to the DOR RESET (D2) ex-
cept that this software reset is self-clearing
D6
Low Power
A 1 to this bit will put the controller
into the Manual Low Power mode The oscilla-
tor and data separator circuits will be turned off
Manual Low Power can also be accessed via
the Mode command The chip will come out of
low power after a software reset or access to
the Data Register or Main Status Register
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com