Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) PC8477B Datasheet HTML 18Page - National Semiconductor (TI) PC8477B Datasheet HTML 19Page - National Semiconductor (TI) PC8477B Datasheet HTML 20Page - National Semiconductor (TI) PC8477B Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
40 Command Set Description (Continued)
SCAN EQUAL
Command Phase
MT
MFM
SK
1
0
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution
Phase
Data transferred from system to
controller is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SCAN HIGH OR EQUAL
Command Phase
MT
MFM
SK
1
1
1
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution
Phase
Data transferred from system to
controller is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SCAN LOW OR EQUAL
Command Phase
MT
MFM
SK
1
1
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution
Phase
Data transferred from system to
controller is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SEEK
Command Phase
00
0
0
1
1
1
1
X
X
X
X
X
HD
DR1
DR0
New Track Number
MSN of Track Number
0
0
0
0
Note
Last Command Phase byte is required only if ETR is set in Mode
Command
Execution Phase
Disk drive head is stepped in or out to a
programmable track
No Result Phase
SENSE DRIVE STATUS
Command Phase
00000
1
0
0
XXXXXHDDR1
DR0
Execution Phase
Disk drive status information is detected
and reported
Result Phase
Status Register 3
SENSE INTERRUPT
Command Phase
00001000
Execution Phase
Status of interrupt is reported
Result Phase
Status Register 0
Present Track Number (PTR)
MSN of PTR
0000
Note
Third Result Phase byte can only be read if ETR is set in the Mode
Command
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com