Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) PC8477B Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
30 Register Description (Continued)
D2
Head Select
Indicates the active high status of
the HDSEL pin at the end of the Execution
Phase
D1 – D0
Drive Select 10
These two binary encoded
bits indicate the logical drive selected at the end
of the Execution Phase
00 e Drive 0 selected
01 e Drive 1 selected
10 e Drive 2 selected
11 e Drive 3 selected
3102 Status Register 1 (ST1)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
ET
0
CE
OR
0
ND
NW
MA
RESET
00
0
0
0
0
0
0
COND
D7
End of Track
Controller transferred the last
byte of the last sector without the TC pin be-
coming active The last sector is the End of
Track sector number programmed in the Com-
mand Phase
D6
Not Used Always 0
D5
CRC Error
If this bit is set and bit 5 of ST2 is
clear then there was a CRC error in the Ad-
dress Field of the correct sector If bit 5 of ST2
is also set then there was a CRC error in the
Data Field
D4
Overrun
Controller was not serviced by the mP
soon enough during a data transfer in the Exe-
cution Phase For read operations indicates a
data overrun For write operations indicates a
data underrun
D3
Not Used Always 0
D2
No Data
Three possible problems
1 Controller cannot find the sector specified in
the Command Phase during the execution of
a Read Write Scan or Verify command An
address mark was found however so it is not
a blank disk
2 Controller cannot read any Address Fields
without a CRC error during a Read ID com-
mand
3 Controller cannot find starting sector during
execution of Read A Track command
D1
Not Writable
Write Protect pin is active when a
Write or Format command is issued
D0
Missing Address Mark
If bit 0 of ST2 is clear
then the controller cannot detect any Address
Field Address Mark after two disk revolutions If
bit 0 of ST2 is set then the controller cannot
detect the Data Field Address Mark after finding
the correct Address Field
3103 Status Register 2 (ST2)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
CM
CD
WT
SEH
SNS
BT
MD
RESET
00
0
0
0
0
0
0
COND
D7
Not Used Always 0
D6
Control Mark
Controller tried to read a sector
which contained a deleted data address mark
during execution of Read Data or Scan com-
mands Or if a Read Deleted Data command
was executed a regular address mark was de-
tected
D5
CRC Error in Data Field
Controller detected a
CRC error in the Data Field Bit 5 of ST1 is also
set
D4
Wrong Track
Only set if desired sector is not
found and the track number recorded on any
sector of the current track is different from the
track address specified in the Command Phase
D3
Scan Equal Hit
‘‘Equal’’ condition satisfied dur-
ing any Scan command
D2
Scan Not Satisfied
Controller cannot find a
sector on the track which meets the desired
condition during any Scan command
D1
Bad Track
Only set if the desired sector is not
found the track number recorded on any sector
on the track is FF (hex) indicating a hard error in
IBM format and is different from the track ad-
dress specified in the Command Phase
D0
Missing Address Mark in Data Field
Control-
ler cannot find the Data Field AM during a Read
Scan or Verify command Bit 0 of ST1 is also
set
3104 Status Register 3 (ST3)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
WP
1
TK0
1
HDS
DS1
DS0
RESET
0
0
101
0
0
0
COND
D7
Not Used Always 0
D6
Write Protect
Indicates active high status of
the WP pin
D5
Not Used Always 1
D4
Track 0
Indicates active high status of the
TRK0 pin
D3
Not Used Always 1
D2
Head Select
Indicates the active high status of
the HD bit in the Command Phase
D1 – D0
Drive Select 10
These two binary encoded
bits indicate the DS1 – DS0 bits in the Command
Phase
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com