Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
30 Register Description (Continued)
381 DIRPC-AT Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DSKCHG
X
X
X
X
X
X
X
RESET
NA
NA
NA
NA
NA
NA
NA
NA
COND
D7
Disk Changed
Active high status of DSKCHG
disk interface input independent of INVERT
value
D6 – D0
Undefined
TRI-STATE Used by hard disk con-
troller status register
382 DIRPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DSKCHG
1
1
1
1
DRATE1 DRATE0
HIGH
DEN
RESET
NA
NA NA NA NA
NA
NA
1
COND
D7
Disk Changed
Active high status of DSKCHG
disk interface input independent of INVERT
value
D6 – D3
Reserved
Always 1
D2 – D1
Data Rate Select 10
These bits indicate the
status of the DRATE1 – 0 bits programmed
through the DSRCCR
D0
High Density
This bit is low when the 1 Mbs
or 500 kbs data rate is chosen and high when
the 300 kbs or 250 kbs data rate is chosen
This bit is independent of the IDENT or INVERT
value
383 DIRModel 30 Mode
D7
D6 D5 D4
D3
D2
D1
D0
DESC
DSKCHG 0
0
0 DMAEN NOPRE DRATE1 DRATE0
RESET
NA
0
0
0
0
0
1
0
COND
D7
Disk Changed
Active low status of DSKCHG
disk interface input independent of INVERT
value
D6 – D4
Reserved
Always 0
D3
DMA Enable
Active high status of the DMAEN
bit in the DOR
D2
No Precompensation
Active high status of the
NOPRE bit in the CCR
D1 – D0
Data Rate Select 10
These bits indicate the
status of the DRATE1 – 0 bits programmed
through the DSRCCR
39 CONFIGURATION CONTROL REGISTER (CCR)
Write
Only
This is the write only data rate register commonly used in
PC-AT applications This register is not affected by a soft-
ware reset and is set to 250 kbs after a hardware reset
The data rate of the floppy controller is determined by the
last write to either the CCR or DSR
391 CCRPC-AT and PS2 Modes
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
0
0
0
0
0
DRATE1 DRATE0
RESET
NA NA NA NA NA NA
1
0
COND
D7 – D2
Reserved
Should be set to 0
D1 – D0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-6
for the appropriate values
392 CCRModel 30 Mode
D7 D6 D5 D4 D3
D2
D1
D0
DESC
0
0
0
0
0
NOPRE DRATE1 DRATE0
RESET
NA NA NA NA NA
0
1
0
COND
D7 – D3
Reserved
Should be set to 0
D2
No Precompensation
This bit can be set by
software but it has no functionality It can be
read by bit D2 of the DIR when in the Model 30
register mode Unaffected by a software reset
D1 – D0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-6
for the appropriate values
310 RESULT PHASE STATUS REGISTERS
The Result Phase of a command contains bytes that hold
status information The format of these bytes are described
below Do not confuse these status bytes with the Main
Status Register which is a read only register that is always
valid The Result Phase status registers are read from the
Data Register (FIFO) only during the Result Phase of certain
commands (see Section 41 Command Set Summary) The
status of each register bit is indicated when the bit is a 1
3101 Status Register 0 (ST0)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IC
IC
SE
EC
0
HDS
DS1
DS0
RESET
00
0
0
0
0
0
0
COND
D7 – D6
Interrupt Code
00 e Normal Termination of Command
01 e Abnormal Termination of Command Exe-
cution of command was started but was
not successfully completed
10 e Invalid Command Issued Command is-
sued was not recognized as a valid com-
mand
11 e Internal drive ready status changed state
during the drive polling mode Only occurs
after a hardware or software reset
D5
Seek End
Seek Relative Seek or Recalibrate
command completed by the controller (Used
during a Sense Interrupt command)
D4
Equipment Check
After a Recalibrate com-
mand Track 0 signal failed to occur (Used dur-
ing Sense Interrupt command)
D3
Not Used Always 0
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com