Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
30 Register Description (Continued)
321 SRBPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
1
1
DR0 WDATA RDATA WGATE MTR1 MTR0
RESET
NA NA
0
0
0
0
0
0
COND
D7
Reserved
Always 1
D6
Reserved
Always 1
D5
Drive Select 0
Reflects the status of the Drive
Select 0 bit in the DOR (address 2 bit 0) This
bit is cleared after a hardware reset not a soft-
ware reset
D4
Write Data
Every inactive edge transition of
the WDATA disk interface output causes this bit
to change states
D3
Read Data
Every positive edge transition of the
RDATA disk interface output causes this bit to
change states
D2
Write Gate
Active high status of the WGATE
disk interface output
D1
Motor Enable 1
Active high status of the
MTR1 disk interface output Low after a hard-
ware reset unaffected by a software reset
D0
Motor Enable 0
Active high status of the
MTR0 disk interface output Low after a hard-
ware reset unaffected by a software reset
322 SRBModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DRV2 DR1 DR0 WDATA RDATA WGATE DR3 DR2
RESET
NA
1
1
0
0
0
1
1
COND
D7
2nd Drive Installed
Active low status of the
DRV2 disk interface input
D6
Drive Select 1
Active low status of the DR1
disk interface output
D5
Drive Select 0
Active low status of the DR0
disk interface output
D4
Write Data
Active high status of latched
WDATA signal This bit is latched by the inac-
tive going edge of WDATA and is cleared by a
read from the DIR This bit is not gated by
WGATE
D3
Read Data
Active high status of latched
RDATA signal This bit is latched by the inactive
going edge of RDATA and is cleared by a read
from the DIR
D2
Write Gate
Active high status of latched
WGATE signal This bit is latched by the active
going edge of WGATE and is cleared by a read
from the DIR
D1
Drive Select 3
Active low status of the DR3
disk interface output
D0
Drive Select 2
Active low status of the DR2
disk interface output
33 DIGITAL OUTPUT REGISTER (DOR)
ReadWrite
The DOR controls the drive select and motor enable disk
interface outputs enables the DMA logic and contains a
software reset bit The contents of the DOR are set to 00
(hex) after a hardware reset and are unaffected by a soft-
ware reset The DOR can be written to at any time
DOR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
MTR3 MTR2 MTR1 MTR0 DMAEN RESET
DRIVE DRIVE
SEL 1 SEL 0
RESET
0000
0
0
0
0
COND
D7
Motor Enable 3
This bit controls the MTR3
disk interface output A1in this bit causes the
MTR3 pin to go active The actual level of
MTR3 depends on the state of the INVERT pin
D6
Motor Enable 2
Same function as D7 except
for MTR2
D5
Motor Enable 1
Same function as D7 except
for MTR1
D4
Motor Enable 0
Same function as D7 except
for MTR0
D3
DMA Enable
This bit has two modes of opera-
tion PC-AT mode or Model 30 mode Writing
a 1 to this bit will enable the DRQ DAK INT
and TC pins
Writinga0to this bit will
TRI-STATE DRQ and INT and disable DAK and
TC This bit is a 0 after a reset when in these
modes PS2 mode This bit is reserved and
the DRQ DAK INT and TC pins will always be
enabled During a reset the DRQ DAK and
INT lines will remain enabled and D3 will be a
0
D2
Reset Controller
Writinga0to this bit resets
the controller It will remain in the reset condi-
tion untila1is written to this bit A software
reset does not affect the DSR CCR and other
bits of the DOR A software reset will affect the
Configure and Mode command bits (see Sec-
tion 40 Command Set Description) The mini-
mum time that this bit must be low is 100 ns
Thus toggling the Reset Controller bit during
consecutive writes to the DOR is an acceptable
method of issuing a software reset
D1 – D0
Drive Select
These two bits are binary encod-
ed for the four drive selects DR0 – DR3 so that
only one drive select output is active at a time
The actual level of the drive select outputs is
determined by the state of the INVERT pin
It is common programming practice to enable both the mo-
tor enable and drive select outputs for a particular drive
Table 3-2 below shows the DOR values to enable each of
the four drives
TABLE 3-2 Drive Enable Values
Drive
DOR Value
0
1C (Hex)
12D
24E
38F
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com