Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 28Page - National Semiconductor (TI) PC8477B Datasheet HTML 29Page - National Semiconductor (TI) PC8477B Datasheet HTML 30Page - National Semiconductor (TI) PC8477B Datasheet HTML 31Page - National Semiconductor (TI) PC8477B Datasheet HTML 32Page - National Semiconductor (TI) PC8477B Datasheet HTML 33Page - National Semiconductor (TI) PC8477B Datasheet HTML 34Page - National Semiconductor (TI) PC8477B Datasheet HTML 35Page - National Semiconductor (TI) PC8477B Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
50 Functional Description (Continued)
DACK asserted by itself without a RD or WR strobe is also
counted as a transfer If RD or WR are not being strobed for
each byte then DACK must be strobed for each byte so that
the floppy controller can count the number of bytes correct-
ly A new command the Verify command has been added
to allow easier verification of data written to the disk without
the need of actually transferring the data on the data bus
5323 Interrupt ModeFIFO Disabled
If the Interrupt (Non-DMA) mode is selected INT is asserted
instead of DRQ when each byte is ready to be transferred
The Main Status Register should be read to verify that the
interrupt is for a data transfer The RQM and NON DMA bits
(D7 and D5) in the MSR will be set The interrupt will be
cleared when the byte is transferred to or from the Data
Register CS and RD or CS and WR must be used to trans-
fer the data in or out of the Data Register (A2 – A0 must be
valid) CS asserted by itself is not significant CS must be
asserted with RD or WR for a read or write transfer to be
recognized
The mP should transfer the byte within the data transfer
service time (see Section 37) If the byte is not transferred
within the time allotted an Overrun Error will be indicated in
the Result Phase when the command terminates at the end
of the current sector
An interrupt will also be generated after the last byte is
transferred This indicates the beginning of the Result
Phase The RQM and DIO bits (D7 and D6) in the MSR will
be set and the NON DMA bit (D5) will be cleared This
interrupt is cleared by reading the first result byte
5324 Interrupt ModeFIFO Enabled
The Interrupt (Non-DMA) mode with the FIFO enabled is
very similar to the Non-DMA mode with the FIFO disabled
In this case INT is asserted instead of DRQ under the exact
same FIFO threshold trigger conditions The MSR should be
read to verify that the interrupt is for a data transfer The
RQM and NON DMA bits (D7 and D5) in the MSR will be
set CS and RD or CS and WR must be used to transfer the
data in or out of the Data Register (A2 – A0 must be valid)
CS asserted by itself is not significant CS must be asserted
with RD or WR for a read or write transfer to be recognized
The Burst mode may be used to hold the INT pin active
during a burst or the Non-Burst mode may be used to tog-
gle the INT pin for each byte of a burst The Main Status
Register is always valid from the mP point of view For ex-
ample during a read command after the last byte of data
has been read from the disk and placed in the FIFO the
MSR will still indicate that the Execution Phase is active
and that data needs to be read from the Data Register Only
after the last byte of data has been read by the mP from the
FIFO will the Result Phase begin
The same overrun and underrun error procedures from the
DMA mode apply to the Non-DMA mode Also whether
there is an error or not an interrupt is generated at the end
of the Execution Phase and is cleared by reading the first
Result Phase byte
5325 Software Polling
If the Non-DMA Mode is selected and interrupts are not
suitable the mP can poll the MSR during the Execution
Phase to determine when a byte is ready to be transferred
The RQM bit (D7) in the MSR reflects the state of the INT
signal Otherwise the data transfer is similar to the Interrupt
Mode described above This is true for the FIFO enabled or
disabled
533 Result Phase
During the Result Phase the mP reads a series of bytes
from the data register These bytes indicate the status of the
command This status may indicate whether the command
executed properly or contain some control information (see
the Command Description Table and Status Register De-
scription) These Result Phase bytes are read in the order
specified for that particular command Some commands will
not have a result phase Also the number of result bytes
varies with each command All of the result bytes must be
read from the Data Register before the next command can
be issued
Like the Command Phase the Main Status Register con-
trols the flow of result bytes and must be polled by the
software before reading each Result Phase byte from the
Data Register The RQM bit (D7) and DIO bit (D6) must both
be set before each result byte can be read After the last
result byte is read the COM PROG bit (D4) in the MSR will
be cleared and the controller will be ready for the next com-
mand
534 Idle Phase
After a hardware or software reset or after the chip has
recovered from the power down mode the controller enters
the Idle Phase Also when there are no commands in prog-
ress the controller will be in the Idle Phase The controller
will be waiting for a command byte to be written to the Data
Register The RQM bit will be set and the DIO bit will be
cleared in the MSR After receiving the first command (op-
code) byte the controller will enter the Command Phase
When the command is completed the controller again en-
ters the Idle Phase The Data Separator will remain synchro-
nized to the reference frequency while the controller is idle
While in the Idle Phase the controller will periodically enter
the Drive Polling Phase (see below)
535 Drive Polling Phase
While in the Idle Phase the controller will enter a Drive Poll-
ing Phase every 1 ms (based on the 500 kbs data rate)
While in the Drive Polling Phase the controller will interro-
gate the Ready Changed status for each of the four logical
drives The internal Ready line for each drive is toggled only
after a hardware or software reset and an interrupt will be
generated for drive 0 At this point the software must issue
four Sense Interrupt commands to clear the Ready
Changed State status for each drive This requirement can
be eliminated if drive polling is disabled via the POLL bit in
the Configure command The Configure command must be
issued within 500 ms of the hardware or software reset for
drive polling to be disabled
Even if drive polling is disabled drive stepping and delayed
power down will occur in the Drive Polling Phase The con-
troller will check the status of each drive and if necessary it
will issue a step pulse on the STEP output with the DIR
signal at the appropriate logic level Also the controller uses
the Drive Polling Phase to control the Automatic Low Power
mode When the Motor Off time has expired the controller
will wait 512 ms (based on 500 kbs or 1 Mbs data rate)
before powering down if this function is enabled via the
Mode command
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com