Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 35Page - National Semiconductor (TI) PC8477B Datasheet HTML 36Page - National Semiconductor (TI) PC8477B Datasheet HTML 37Page - National Semiconductor (TI) PC8477B Datasheet HTML 38Page - National Semiconductor (TI) PC8477B Datasheet HTML 39Page - National Semiconductor (TI) PC8477B Datasheet HTML 40Page - National Semiconductor (TI) PC8477B Datasheet HTML 41Page - National Semiconductor (TI) PC8477B Datasheet HTML 42Page - National Semiconductor (TI) PC8477B Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
60 Device Description (Continued)
DC Characteristics
Under Recommended Operating Conditions (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MICROPROCESSOR INTERFACE PINS
(D7 – D0 A2 – A0 CS RD WR INT DRQ DACK TC RESET)
VOH
Output High Voltage
IOH eb4 mA
30
V
VOL
Output Low Voltage
IOL e 12 mA
04
V
IOZ
Input TRI-STATE
VIN e VCC
10
m
A
Leakage Current
VIN e 0
b
10
m
A
(D7 – D0 INT DRQ)
DISK INTERFACE PINS
VH
Input Hysteresis
250
mV
VOH
Output High Voltage (Note 5)
IOH eb4 mA
30
V
VOL
Output Low Voltage
IOL e 48 mA
04
V
ILKG
Output High Leakage Current
VIN e VCC
10
m
A
(Note 6)
VIN e 0V
b
10
m
A
MISCELLANEOUS PINS
VOH
Output High Voltage
IOH eb4mA
30
V
(DRATE0 – 1 MFM)
VOL
Output Low Voltage
IOL e 6mA
04
V
(DRATE0 – 1)
VOL
Output Low Voltage (MFM)
IOL e 4 mA
04
V
Note 5
VOH for the disk interface pins is valid for CMOS buffered outputs only
Note 6
This parameter is valid for Open Drain output configuration only
62 PHASE LOCKED LOOP CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Dynamic Window Margin
TDW
(Note)
68
73
%
Note
Dynamic window margin is tested at both VCC extremes with a repeating ‘‘DB6’’ pattern and 0% MSV 500 kbs 300 kbs 250 kbs and 1 Mbs are tested
at 68%
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com