Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8477B Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 3Page - National Semiconductor (TI) PC8477B Datasheet HTML 4Page - National Semiconductor (TI) PC8477B Datasheet HTML 5Page - National Semiconductor (TI) PC8477B Datasheet HTML 6Page - National Semiconductor (TI) PC8477B Datasheet HTML 7Page - National Semiconductor (TI) PC8477B Datasheet HTML 8Page - National Semiconductor (TI) PC8477B Datasheet HTML 9Page - National Semiconductor (TI) PC8477B Datasheet HTML 10Page - National Semiconductor (TI) PC8477B Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
20 Pin Description (Continued)
Symbol
PLCC
PQFP
IO
Function
Pin
Pin
HDSEL
51
21
O
Head Select
This output determines which side of the disk drive is accessed Active selects side
1 inactive selects side 0
HIFIL
38
(Note 1)
High Filter
No connect No external capacitor is required An external capacitor can be
connected but it will have no effect on the data separator performance
IDENT
27
1
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the mode of
operation according to the following table
IDENT
MFM
Mode
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B
are disabled (TRI-STATE )
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A
and B are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the DRQ and INT signals will
always be enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output
When IDENT is a logic ‘‘1’’ DENSEL is active high for 500 kbs and 1 Mbs data rates
When IDENT is a logic ‘‘0’’ DENSEL is active low for 500 kbs and 1 Mbs data rates
(See Mode command for further explanation of DENSEL)
INDEX
26
60
I
Index
This input signals the beginning of a track
INT
23
57
O
Interrupt
Active high output to signal the completion of the execution phase for certain
commands Also used to signal when a data transfer is ready during a Non-DMA operation When
in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode INT
is always enabled and bit D3 of the DOR is reserved
INVERT
35
9
I
Invert
Determines the polarity of all disk interface signals When tied low the internal disk output
buffers and inverting Schmitt input receivers are enabled and the disk interface signals are active
low When tied high the disk interface signals are active high and external receivers and output
buffers are required
LOFIL
37
(Note 1)
Low Filter
No connect No external capacitor is required An external capacitor can be
connected but it will have no effect on the data separator performance
MFM
48
18
IO MFM During a chip reset when in PS2 mode (IDENT low) this pin is sampled to select the PS2
mode (MFM high) or the Model 30 mode (MFM low) An internal pull-up or external pull-down
10 kX resistor will select between the two PS2 modes When the PC-AT mode is desired (IDENT
high) MFM should be left pulled high internally MFM reflects the current data encoding format
when RESET is inactive MFM e high FM e low Defaults to low after a chip reset This signal
can also be configured as the PUMP data separator diagnostic output via the Mode command (see
Section 426)
MTR0
57
27
O
Motor Select 0 – 3
These are the motor enable lines for drives 0 – 3 and are controlled by bits D7 –
D4 of the Digital Output register
MTR1
61
31
MTR2
63
33
MTR3
66
35
NC
42
(Note 1)
No Connect
These pins must be left unconnected
43
44
47
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com