Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 123Page - National Semiconductor (TI) PC87307 Datasheet HTML 124Page - National Semiconductor (TI) PC87307 Datasheet HTML 125Page - National Semiconductor (TI) PC87307 Datasheet HTML 126Page - National Semiconductor (TI) PC87307 Datasheet HTML 127Page - National Semiconductor (TI) PC87307 Datasheet HTML 128Page - National Semiconductor (TI) PC87307 Datasheet HTML 129Page - National Semiconductor (TI) PC87307 Datasheet HTML 130Page - National Semiconductor (TI) PC87307 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 218 page
background image
127
Parallel Port (Logical Device 4)
www.national.com
Bits 2-0 - Reserved
These bits are reserved.
Bit 3 - EPP 1.7 ZWS Control
Upon reset this bit is initialized to 0. This bit controls as-
sertion of ZWS on EPP 1.7 access.
There is no ZWS assertion on SPP and on EPP 1.9 ac-
cess. ZWS is always asserted on ECP access.
Control of ZWS assertion on parallel port access, except
in EPP mode, is done via the SuperI/O Configuration 1
register. See 2.4.3 on page 34.
0 - ZWS not asserted on EPP 1.7 access.
1 - ZWS asserted on EPP 1.7 access.
Bit 4 - EPP 1.7/1.9 Select
Selects EPP version 1.7 or 1.9.
0 - EPP version 1.7.
1 - EPP version 1.9.
Bit 5 - Reserved
This bit is reserved.
Bit 6 - Channel Address Enable
When this bit is 1, mode is 011, direction is backward,
there is an input command (BUSY is 0), and bit 7 of the
data is 1, the command is written into the FIFO.
Bit 7 - SPP Compatibility
See the Mode Select field (bits 7 through 5 of the ECR
register) on page 125 for a description of each mode.
0 - Modes 000, 001 and 100 are identical to ECP.
1 - Modes 000 and 001 of the ECP are identical with
Compatible and Extended modes of the SPP (see
Section 6.1 on page 111), and mode 100 of the
ECP is compatible with EPP mode.
Modes 000, 001 and 100 differ as follows:
000, 001 and 100 – Reading DCR returns pin values of
bits 3-0.
000 and 001 – Reading DCR returns 1 for bit 5.
000, or 001 or 100 when bit 5 of DCR is 0 (forward di-
rection) – Reading DATAR returns register latched
value instead of pin values.
000, 001, and 100, when bit 4 of DCR is 0 – IRQx is
floated.
001 – IRQx is a level interrupt generated on the trailing
edge of ACK. Bit 2 of the DSR is the IRQ status bit
(same behavior as bit 2 of the STR).
6.5.18
Control4, Second Level Offset 04h
Upon reset this register is initialized to 00000111.
This register enables control of the fairness mechanism of
the DMA by programming the maximum number of bus cy-
cles that the parallel port DMA request signals can remain
active, and the minimum number of clock cycles that they
will remain inactive after they were deactivated.
FIGURE 6-32. Control4 Register Bitmap
Bits 2- 0 - Parallel Port DMA Request Active Time
This field specifies the maximum number of consecutive
bus cycles that the parallel port DMA signals can remain
active.
The default value is 111, which specifies 32 cycles.
When these bits are 0, the number is 1 cycle.
Otherwise, the number is 4(n+1) where n is the value of
these bits.
Bit 3 - Reserved
This bit is reserved.
Bits 6-4 - Parallel Port DMA Request Inactive Time
This field specifies the minimum number of clock cycles
that the parallel port DMA signals remain inactive after
being deactivated by the fairness mechanism.
The default value is 000, which specifies 8 clock cycles.
Otherwise, the number of clock cycles is 8 + 32n, where
n is the value of these bits.
Bit 7 - Reserved
This bit is reserved.
6.5.19
PP Confg0, Second Level Offset 05h
Upon reset this register is initialized to 00h.
FIGURE 6-33. PP Confg0 Register Bitmap
76543210
Reset
Required
1
1
1
0
0
0
0
0
Control4 Register
Offset 04h
Reserved
Reserved
PP DMA Request Inactive Time
PP DMA Request
Second Level
Active Time
76543210
Reset
Required
0
0
0
0
0
0
0
0
PP Confg0 Register
Offset 05h
ECP DMA Channel Number
PE Internal Pull-up or Pull-down
ECP IRQ Number
Demand DMA Enable
Bit 3 of CNFGA
Second Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com