Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 125Page - National Semiconductor (TI) PC87307 Datasheet HTML 126Page - National Semiconductor (TI) PC87307 Datasheet HTML 127Page - National Semiconductor (TI) PC87307 Datasheet HTML 128Page - National Semiconductor (TI) PC87307 Datasheet HTML 129Page - National Semiconductor (TI) PC87307 Datasheet HTML 130Page - National Semiconductor (TI) PC87307 Datasheet HTML 131Page - National Semiconductor (TI) PC87307 Datasheet HTML 132Page - National Semiconductor (TI) PC87307 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 218 page
background image
129
Parallel Port (Logical Device 4)
www.national.com
TABLE 6-11. ECP Modes
ECP Mode
(ECR Bits)
ECP Mode
Name
Operation Description
765
0
0
0
Standard
Write cycles are under software control.
STB, AFD, INIT and SLIN are open-drain output signals.
Bit 5 of DCR is forced to 0 (forward direction) and PD7-0 are driven.
The FIFO is reset (empty).
Reading DATAR returns the last value written to DATAR.
0
0
1
PS/2
Read and write cycles are under software control.
The FIFO is reset (empty).
STB, AFD, INIT and SLIN are push-pull output signals.
0
1
0
Parallel Port
FIFO
Write cycles are automatic, i.e., under hardware control (STB is controlled by hardware).
Bit 5 of DCR is forced to 0 internally (forward direction) and PD7-0 are driven.
STB, AFD, INIT and SLIN are push-pull output signals.
0
1
1
ECP FIFO
The FIFO direction is automatic, i.e., controlled by bit 5 of DCR.
Read and write cycles to the device are controlled by hardware (STB and AFD are
controlled by hardware).
STB, AFD, INIT and SLIN are push-pull output signals.
1
0
0
EPP
EPP mode is enabled by bits 7 through 5 of the SuperI/O Parallel Port Configuration
register, as described in Section 2.7.1 on page 37.
In this mode, registers DATAR, DSR, and DCR are used as registers at offsets 00h, 01h
and 02h of the EPP instead of registers DTR, STR, and CTR.
STB, AFD, INIT, and SLIN are push-pull output buffers.
When there is no access to one of the EPP registers (ADDR, DATA0, DATA1, DATA2 or
DATA3), mode 100 behaves like mode 001, i.e., software can perform read and write
cycles. The software should check that bit 7 of the DSR is 1 before reading or writing the
DATAR register, to avoid corrupting an ongoing EPP cycle.
1
0
1
Reserved
1
1
0
FIFO Test
The FIFO is accessible via the TFIFO register.
The ECP does not issue ECP cycles to fill or empty the FIFO.
1
1
1
Configuration CNFGA and CNFGB registers are accessible.
FIGURE 6-34. ECP Forward Write Cycle
Backward Direction (Bit 5 of DCR is 1)
When the ECP is in the backward direction, and the FIFO is
not full (bit 1 of ECR is 0), the ECP issues a read cycle to
the peripheral device and monitors the BUSY signal. If
BUSY is high the byte is a data byte and it is pushed into the
FIFO. If BUSY is low the byte is a command byte.
BUSY
STB
PD7-0
AFD
The ECP checks bit 7 of the command byte. If it is high the
byte is ignored, if it is low the byte is tagged as an RLC byte
(not pushed into the FIFO but used as a Run Length Count
to expand the next byte read). Following an RLC read the
ECP issues a read cycle from the peripheral device to read
the data byte to be expanded. This byte is considered a
data byte, regardless of its BUSY state (even if it is low).
This byte is pushed into the FIFO (RLC+1) times (e.g. for
RLC=0, push the byte once. For RLC=127 push the byte
128 times).
When the ECP is in the backward direction, and the FIFO is
not empty (bit 0 of ECR is 0), the FIFO can be emptied by
software reads from the FIFO register (true only for the
DFIFO in mode 011).
When DMA is enabled (bit 3 of ECR is 1 and bit 2 of ECR is
0) the ECP automatically issues DMA requests to empty the
FIFO (only in mode 011).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com