Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 138Page - National Semiconductor (TI) PC87307 Datasheet HTML 139Page - National Semiconductor (TI) PC87307 Datasheet HTML 140Page - National Semiconductor (TI) PC87307 Datasheet HTML 141Page - National Semiconductor (TI) PC87307 Datasheet HTML 142Page - National Semiconductor (TI) PC87307 Datasheet HTML 143Page - National Semiconductor (TI) PC87307 Datasheet HTML 144Page - National Semiconductor (TI) PC87307 Datasheet HTML 145Page - National Semiconductor (TI) PC87307 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 218 page
background image
142
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Interrupt Enable Register (IER), in the Non-Extended
Modes (UART, SIR and Sharp-IR)
Upon reset, the IER supports UART, SIR and Sharp-IR in
the Non-Extended modes. Figure 7-5 shows the bitmap of
the Interrupt Enable Register in these modes.
FIGURE 7-5. IER Register Bitmap, Non-Extended
Mode
Bit 0 - Receiver High-Data-Level Interrupt Enable
(RXHDL_IE)
Setting this bit enables interrupts on Receiver High-
Data-Level, or RX_FIFO Time-Out events (EIR Bits 3-0
are 0100 or 1100. See “Non-Extended Mode Interrupt
Priorities” on page 144).
0 - Disable Receiver High-Data-Level and RX_FIFO
Time-Out interrupts (Default).
1 - Enable Receiver High-Data-Level and RX_FIFO
Time-Out interrupts.
Bit 1 - Transmitter Low-Data-Level Interrupt Enable
(TXLDL_IE)
Setting this bit enables interrupts on Transmitter Low
Data-Level-events (EIR Bits 3-0 are 0010. See “Non-
Extended Mode Interrupt Priorities” on page 144).
0 - Disable Transmitter Low-Data-Level Interrupts (De-
fault).
1 - Enable Transmitter Low-Data-Level Interrupts.
Bit 2 - Link Status Interrupt Enable (LS_IE)
Setting this bit enables interrupts on Link Status events.
(EIR Bits 3-0 are 0110. See “Non-Extended Mode Inter-
rupt Priorities” on page 144).
0 - Disable Link Status Interrupts (LS_EV) (Default).
1 - Enable Link Status Interrupts (LS_EV).
Bit 3 - Modem Status Interrupt Enable (MS_IE)
Setting this bit enables the interrupts on Modem Status
events. (EIR Bits 3-0 are 0000. See See Table 7-3 on
page 144).
0 - Disable Modem Status Interrupts (MS_EV) (De-
fault).
1 - Enable Modem Status Interrupts (MS_EV).
Bits 7-4 - Reserved
These bits are reserved.
76543210
Reset
Required
0
0
0
0
0
0
0
0
MS_IE
Reserved
Interrupt Enable
RXHDL_IE
TXLDL_IE
LS_IE
Register (IER)
Bank 0,
IER in Non-Extended Modes
Offset 01h
Reserved
Reserved
Reserved
Interrupt Enable Register (IER), in the Extended Modes
of UART, Sharp-IR and SIR
Figure 7-6 shows the bitmap of the Interrupt Enable Regis-
ter in these modes.
FIGURE 7-6. IER Register Bitmap, Extended Modes of
UART and Sharp-IR
Bit 0 - Receiver High-Data-Level Interrupt Enable
(RXHDL_IE)
Setting this bit enables interrupts when the RX_FIFO is
equal to or above the RX_FIFO threshold level, or an
RX_FIFO time out occurs.
0 - Disable Receiver Data Ready interrupt. (Default)
1 - Enable Receiver Data Ready interrupt.
Bit 1 - Transmitter Low-Data-Level Interrupt Enable
(TXLDL_IE)
Setting this bit enables interrupts when the TX_FIFO is
below the threshold level or the Transmitter Holding
Register is empty.
0 - Disable Transmitter Low-Data-Level Interrupts (De-
fault).
1 - Enable Transmitter Low-Data-Level Interrupts.
Bit 2 - Link Status Interrupt Enable (LS_IE)
Setting this bit enables interrupts on Link Status events.
0 - Disable Link Status Interrupts (LS_EV) (Default)
1 - Enable Link Status Interrupts (LS_EV).
Bit 3 - Modem Status Interrupt Enable (MS_IE)
Setting this bit enables the interrupts on Modem Status
events.
0 - Disable Modem Status Interrupts (MS_EV) (De-
fault)
1 - Enable Modem Status Interrupts (MS_EV).
Bit 4 - DMA Interrupt Enable (DMA_IE)
Setting this bit enables the interrupt on terminal count
when the DMA is enabled.
0 - Disable DMA terminal count interrupt (Default)
1 - Enable DMA terminal count interrupt.
76543210
Reset
Required
0
0
0
0
0
0
0
0
MS_IE
DMA_IE
TXEMP_IE
Reserved
Reserved
Interrupt Enable
RXHDL_IE
TXLDL_IE
LS_IE
Register (IER)
Bank 0,
Extended Mode of UART, Sharp-IR and SIR
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com