Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 139Page - National Semiconductor (TI) PC87307 Datasheet HTML 140Page - National Semiconductor (TI) PC87307 Datasheet HTML 141Page - National Semiconductor (TI) PC87307 Datasheet HTML 142Page - National Semiconductor (TI) PC87307 Datasheet HTML 143Page - National Semiconductor (TI) PC87307 Datasheet HTML 144Page - National Semiconductor (TI) PC87307 Datasheet HTML 145Page - National Semiconductor (TI) PC87307 Datasheet HTML 146Page - National Semiconductor (TI) PC87307 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 218 page
background image
143
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Bit 5 - Transmitter Empty Interrupt Enable (TXEMP_IE)
Setting this bit enables interrupt generation if the trans-
mitter and TX_FIFO become empty.
0 - Disable Transmitter Empty interrupts (Default)
1 - Enable Transmitter Empty interrupts.
Bits 7,6 - Reserved
Reserved.
Interrupt Enable Register (IER), Consumer-IR Mode,
Bank 0, Offset 01h
Figure 7-7 shows the bitmap of the Interrupt Enable Regis-
ter (IER) in this mode.
FIGURE 7-7. IER Register Bitmap, Consumer-IR Mode
Bit 1-0 -
Same as in the Extended Modes of UART and Sharp-IR
(See previous sections).
Bit 2 - Link Status Interrupt Enable (LS_IE) or TX_FIFO
Underrun Interrupt Enable (TXUR_IE)
On reception, Setting this bit enables Link Status Inter-
rupts.
On transmission, Setting this bit enables TX_FIFO un-
derrun interrupts.
0 - Disable Link Status and TX_FIFO underrun inter-
rupts (Default)
1 - Enable Link Status and TX_FIFO underrun interrupts.
Bit 7-3 -
Same as in the Extended Modes of UART and Sharp-IR
(See the section “Interrupt Enable Register (IER), in the
Extended Modes of UART, Sharp-IR and SIR” on page
142).
76543210
Reset
Required
0
0
0
0
0
0
0
0
Interrupt Enable
Register (IER)
Bank 0,
LS_IE or TXUR_IE
DMA_IE
TXEMP_IE
Reserved
Reserved
RXHDL_IE
TXLDL_IE
MS_IE
Offset 01h
Consumer-IR Mode
7.11.3
Event Identification Register (EIR),
Bank 0, Offset 02h
The Event Identification Register (EIR) and the FIFO Con-
trol Register (FCR) (see next register description) share the
same address. The EIR is accessed during CPU read cycles
while the FCR is accessed during CPU write cycles.The
Event Identification Register (EIR) indicates the interrupt
source. The function of this register changes according to the
selected mode of operation.
Event Identification Register (EIR), Non-Extended Mode
When Extended mode is not selected (EXT_SL bit in
EXCR1 register is set to 0), this register is the same as in
the 16550.
In a Non-Extended UART mode, this module prioritizes in-
terrupts into four levels. The EIR indicates the highest level
of interrupt that is pending. The encoding of these interrupts
is shown in Table 7-3.
When the EIR is being read, the display of the highest pri-
ority pending interrupt is frozen; new interrupt requests are
recorded, but the indication is not updated until the access
is complete.
FIGURE 7-8. EIR Register Bitmap, Non-Extended Modes
Bit 0 - Interrupt Pending Flag (IPF)
0 - There is an interrupt pending.
1 - No interrupt pending. (Default)
Bits 2,1 - Interrupt Priority 1,0 (IPR1,0)
When bit 0 (IPF) is 0, these bits indicate the pending in-
terrupt with the highest priority. See Table 7-3.
Default value is 00.
Bit 3 - RX_FIFO Time-Out (RXFT)
In the 16450 mode, this bit is always 0. In the 16550
mode (FIFOs enabled), this bit is set to 1 when an
RX_FIFO read time-out occurred and the associated in-
terrupt is currently the highest priority pending interrupt.
Bits 5,4 - Reserved
Read/Write 0.
Bit 7,6 - FIFOs Enabled (FEN1,0)
0 - No FIFO enabled. (Default)
1 - FIFOs are enabled (bit 0 of FCR is set to 1).
76543210
Reset
Required
1
0
0
0
0
0
0
0
0
0
Non-Extended Modes, Read Cycles
IPR1 - Interrupt Priority 1
Reserved
Reserved
FEN0 - FIFOs Enabled
FEN1 - FIFOs Enabled
Event Identification
IPF - Interrupt Pending
IPR0 - Interrupt Priority 0
RXFT - RX_FIFO Time-Out
Bank 0,
Register (EIR)
Offset 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com