Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 147Page - National Semiconductor (TI) PC87307 Datasheet HTML 148Page - National Semiconductor (TI) PC87307 Datasheet HTML 149Page - National Semiconductor (TI) PC87307 Datasheet HTML 150Page - National Semiconductor (TI) PC87307 Datasheet HTML 151Page - National Semiconductor (TI) PC87307 Datasheet HTML 152Page - National Semiconductor (TI) PC87307 Datasheet HTML 153Page - National Semiconductor (TI) PC87307 Datasheet HTML 154Page - National Semiconductor (TI) PC87307 Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 218 page
background image
151
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Bit 2 - Set End of Transmission (S_EOT)
In Consumer-IR mode this is the Set End of Transmis-
sion bit. When a 1 is written into this bit position before
writing the last character into the TX_FIFO, data trans-
mission is gracefully completed.
In this mode, if the CPU simply stops writing data into
the TX_FIFO at the end of the data stream, a transmitter
underrun is generated and the transmitter stops. In this
case this is not an error, but the software must clear the
underrun before the next transmission can occur. This
bit is automatically cleared by hardware when a charac-
ter is written to the TX_FIFO.
Bit 3 - Reserved
Read/Write 0.
Bit 4 - Reception Watchdog (RXWDG)
In Consumer-IR mode, this is the Reception Watchdog
(RXWDG) bit. It is set to 1 each time a pulse or pulse-
train (modulated pulse) is detected by the receiver. It
can be used by the software to detect a receiver idle
condition. It is cleared upon read.
Bit 5 - Receiver Active (RXACT)
In Consumer-IR Mode this is the Receiver Active (RX-
ACT) bit. It is set to 1 when an infrared pulse or pulse-
train is received. If a 1 is written into this bit position, the
bit is cleared and the receiver is deactivated. When this
bit is set, the receiver samples the infrared input contin-
uously at the programmed baud rate and transfers the
data to the RX_FIFO. See “Consumer-IR Reception” on
page 138.
Bit 6 - Infrared Transmitter Underrun (TXUR)
In the Consumer-IR mode, this is the Transmitter Un-
derrun flag. This bit is set to 1 when a transmitter under-
run occurs. It is always cleared when a mode other than
Consumer-IR is selected. This bit must be cleared, by
writing 1 into it, to re-enable transmission.
Bit 7 - Reserved
Read/Write 0.
Bank 1 – The LEGACY Baud Generator DIVISOR
PORTS
This register bank contains two baud generator divisor
ports, and a bank select register.
The Legacy Baud-rate Generator Divisor (LBGD) port pro-
vides an alternate path to the Baud Divisor Generator reg-
ister. This bank is implemented to maintain compatibility
with 16550 standard and to support existing legacy soft-
ware packages. In case of using legacy software, the ad-
dresses 0 and 1 are shared with the data ports RXD/TXD
(see page 141). The selection between them is controlled
by the value of the BKSE bit (LCR bit 7 page 145).
TABLE 7-11. Bank 1 Register Set
In addition, a fallback mechanism maintains this compatibil-
ity by forcing the UART to revert to 16550 mode if 16550
software addresses the module after a different mode was
set. Since setting the baud divisor values is a necessary ini-
tialization of the 16550, setting the divisor values in bank 1
forces the UART to enter 16550 mode. (This is called fall-
back.)
To enable other modes to program their desired baud rates
without activating this fallback mechanism, the baud divisor
register in bank 2 should be used.
7.11.12 Legacy Baud Generator Divisor Ports
(LBGD(L) and LBGD(H)),
Bank 1, Offsets 00h and 01h
The programmable baud rates in the Non-Extended mode
are achieved by dividing a 24 MHz clock by a prescale value
of 13, 1.625 or 1. This prescale value is selected by the
PRESL field of EXCR2 (see page 155). This clock is subdi-
vided by the two baud generator divisor buffers, which output
a clock at 16 times the desired baud rate (this clock is the
BAUDOUT clock). This clock is used by I/O circuitry, and af-
ter a last division by 16 produces the output baud rate.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden). The baud generator divisor must be loaded dur-
ing initialization to ensure proper operation of the baud gen-
erator. Upon loading either part of it, the baud generator
counter is immediately loaded. Table 7-14 on page 153
shows typical baud divisors. After reset the divisor register
contents are indeterminate.
Any access to the LBGD(L) or LBGD(H) ports causes a re-
set to the default Non-Extended mode, i.e., 16550 mode
(See “Automatic Fallback to A Non-Extended UART Mode”
on page 140).To access a Baud Generator Divisor when in
the Extended mode, use the port pair in bank 2 (BGD on
page 152).
Table 7-12 shows the bits which are cleared when Fallback
occurs during Extended or Non-Extended modes.
If the UART is in Non-Extended mode and the LOCK bit is
1, the content of the divisor (BGD) ports will not be affected
and no other action is taken.
When programming the baud rate, the new divisor is loaded
upon writing into LBGD(L) and LBGD(H). After reset, the
contents of these registers are indeterminate.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden.) Table 7-14 shows typical baud divisors.
Offset
Register
Name
Description
00h
LBGD(L)
Legacy Baud Generator Divisor
Port (Low Byte)
01h
LBGD(H)
Legacy Baud Generator Divisor
Port (High Byte)
02h
Reserved
03h
LCR/
BSR
Link Control /
Bank Select Register
04h - 07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com