Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 151Page - National Semiconductor (TI) PC87307 Datasheet HTML 152Page - National Semiconductor (TI) PC87307 Datasheet HTML 153Page - National Semiconductor (TI) PC87307 Datasheet HTML 154Page - National Semiconductor (TI) PC87307 Datasheet HTML 155Page - National Semiconductor (TI) PC87307 Datasheet HTML 156Page - National Semiconductor (TI) PC87307 Datasheet HTML 157Page - National Semiconductor (TI) PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 218 page
background image
155
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
5. The modem status input pins (DSR, CTS, RI and DCD)
are disconnected. The internal modem status signals,
are driven by the lower bits of the MCR register.
Bit 5 - Enable Transmitter During Loopback (ETDLBK)
When this bit is set to 1, the transmitter serial output is en-
abled and functions normally when loopback is enabled.
Bit 6 - Reserved
Write 1.
Bit 7 - Baud Generator Test (BTEST)
When set, this bit routes the baud generator to the DTR
pin for testing purposes.
7.12.3
Link Control Register (LCR) and Bank Select
Register (BSR), Bank 2, Offset 03h
These registers are the same as the registers at offset 03h
in bank 0.
7.12.4
Extended Control and Status Register 2
(EXCR2), Bank 2, Offset 04h
This register configures the transmitter and receiver FIFOs,
and the baud generator prescaler.
Upon reset all bits are set to 0.
FIGURE 7-25. EXCR2 Register Bitmap
Bits 1,0 - TX_FIFO Size (TF_SIZ1,0)
These bits select the number of levels for the TX_FIFO.
They are effective only when the FIFOs are enabled.
(See Table 7-16).
TABLE 7-16. TX_FIFO Size Encoding
Bits 3,2 - RX_FIFO Size (RF_SIZ1,0)
These bits select the number of levels for the RX_FIFO.
They are effective only when the FIFOs are enabled.
(See Table 7-17).
TF_SIZ1
TF_SIZ0
FIFO Depth
00
16
01
32
1
x
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
and Status Register 2
(EXCR2)
Bank 2,
Extended Control and
RF_SIZ0
PRESL0
PRESL1
Reserved
LOCK
TF_SIZ0
TF_SIZ1
RF_SIZ1
Offset 04h
TABLE 7-17. RX_FIFO Size Encoding
Bits 5,4 - Prescaler Select
The prescaler divides the 24 MHz input clock frequency
to provide the clock for the baud generator. (See Table
7-18).
TABLE 7-18. Prescaler Select
Bit 6 - Reserved
Read/write 0.
Bit 7 - Baud Divisor Register Lock (LOCK)
When set to 1, accesses to the baud generator divisor
register through LBGD(L) and LBGD(H) as well as fall-
back are disabled from non-extended mode.
In this case two scratchpad registers overlaid with LB-
GD(L) and LBGD(H) are enabled, and any attempted
CPU access of the baud generator divisor register
through LBGD(L) and LBGD(H) will access the scratch-
pad registers instead. This bit must be set to 0 when ex-
tended mode is selected.
7.12.5
Reserved Register, Bank 2, Offset 05h
This register is reserved.
Bits 7-0 - Reserved
Read/write 0’s.
7.12.6
TX_FIFO Current Level Register (TXFLV),
Bank 2, Offset 06h
This read-only register returns the number of bytes in the
TX_FIFO. It can be used to facilitate programmed I/O
modes during recovery from transmitter underrun in one of
the fast infrared modes.
RF_SIZ1
RF_SIZ0
FIFO Depth
00
16
01
32
1
x
reserved
Bit 5
Bit 4
Prescaler Value
00
13
0
1
1.625
1
0
Reserved
1
1
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com