Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 20Page - National Semiconductor (TI) PC87332 Datasheet HTML 21Page - National Semiconductor (TI) PC87332 Datasheet HTML 22Page - National Semiconductor (TI) PC87332 Datasheet HTML 23Page - National Semiconductor (TI) PC87332 Datasheet HTML 24Page - National Semiconductor (TI) PC87332 Datasheet HTML 25Page - National Semiconductor (TI) PC87332 Datasheet HTML 26Page - National Semiconductor (TI) PC87332 Datasheet HTML 27Page - National Semiconductor (TI) PC87332 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
20 Configuration Registers (Continued)
Bit 5
Zero Wait State enable bit If this bit is 1 (and pin 31
(PQFPTQFP) is configured as ZWS) ZWS is driven
low when the Enhanced Parallel Port (EPP) or the
ECP can accept a short host readwrite-cycle other-
wise the ZWS open drain output is not driven EPP
ZWS operation should be configured when the sys-
tem is fast enough to support it
Bit 6
ZWS PWDN select bit When this bit is 0 the ZWS
pin is Zero Wait State output
When this bit is 1 the PWDN CSOUT pin option is
selected
Bit 7
IOCHRDYMFM select bit When this bit is 0 the
IOCHRDY pin is the IOCHRDY open drain output that
extends the host-EPP cycle when required
When this bit is 1 the MFM pin is selected
255 Printer Control Register (PCR Index e 04h)
This register enables the EPP ECP version modes and
interrupt options On reset all the PCR bits are cleared to 0
The parallel port mode is software configurable as follows
TABLE 2-10 Parallel Port Mode
Operation
FER
PTR
PCR
PCR
Mode
Bit 0
Bit 7
Bit 0
Bit 2
None
0
X
X
X
Compatible
1000
Extended
1100
EPP
1
X
1
0
ECP
1
X
0
1
Bit 0
EPP enable bit When this bit is 0 the EPP is disabled
and the EPP registers are not accessible (access ig-
nored)
When this bit is 1 and bit 2 of PCR is 0 the EPP is
enabled Note that the EPP should not be configured
with base address 3BCh
Bit 1
EPP version select bit When this bit is 0 Version 17 is
supported
When this bit is 1 Version 19 is supported (IEEE
1284)
Bit 2
ECP enable bit When this bit is 0 the ECP is disabled
and in power mode The ECP registers are not acces-
sible (access ignored) the ECP interrupt is inactive
and the DMA request pin is in TRI-STATE The IRQ57
inputs are blocked to reduce their leakage currents
When this bit is 1 the ECP is enabled The software
should change this bit to 1 only when bits 0 1 and 2 of
the existing CTR are 1 0 and 0 respectively
Bit 3
ECP Clock Freeze Control Bit In power-down modes
2 and 3 When this bit is 0 the clock provided to the
ECP is stopped and
When this bit is 1 the clock provided to the ECP is not
stopped
Note
When either this bit or the ECP enable bit is 0 there is no
change in the PC87334 crystal stopping mechanism
Bit 4
Reserved This bit must be set to 0
Bit 5
Parallel port interrupt (IRQ5 or IRQ7) polarity control
bit
When this bit is 0 the interrupt polarity is as already
defined and the ECP interrupt is level high or nega-
tive pulse
When this bit is 1 the interrupt polarity is inverted
Bit 6
Parallel port interrupt (IRQ5 or IRQ7) open drain con-
trol bit
When this bit is 0 the configured interrupt line (IRQ5
or IRQ7) has a totem-pole TRI-STATE output
When this bit is 1 the configured interrupt line has an
open drain output (drive low or TRI-STATE no drive
high no internal pullup)
Bit 7
Reserved
To
maintain
compatibility
with
future
SuperIO devices this bit must not be modified when
this register is written Use read-modify-write to pre-
serve the value of this bit
256 Power Management Control Register
(PMC Index e 06h)
This register controls the TRI-STATE and input pins The
PMC Register is accessed through Index 06h The PMC
Register is cleared to 0 on reset
Bit 0
IDE TRI-STATE control bit When this bit is 1 and ei-
ther the IDE is disabled or the SuperIO is in power-
down mode HCS0 and HCS1 are in TRI-STATE
IDED7 input is also blocked to reduce leakage current
and its value is undefined when IDE is disabled
Bit 1
FDC TRI-STATE control bit When this bit is 1 and the
FDC is powered-down the FDC outputs are in TRI-
STATE (except IRQ6 PD IDLE and the PPM outputs
even if the PPM is used as FDC pins) and the FDC
inputs (except DSKCHG) are blocked to reduce their
leakage current
Bit 2
UARTs TRI-STATE control bit When this bit is 1 and
any UART is powered-down the outputs of that UART
are in TRI-STATE (except IRQ3 and IRQ4) and the
inputs are blocked to reduce their leakage current
The values of the blocked inputs are SINe1 CTSe1
DSRe1 DCDe1 and RIe1
Bit 3
ECP DMA configuration bit When this bit is 0 ECP
DMA is not configura ble IDENTPDACK is assumed
to be 1 and PDRQ is in TRI-STATE
When this bit is 1 ECP DMA is configurable via an
ECP control register Pins 54 and 33 are PDACK and
PDRQ respectively IDENT is assumed to be 1
Note
This bit must not be set when the PC87332 is assembled into a
PC87312PC87322 socket in which pin 33 is VDDA
Bit 4
PD and IDLE (FDC power management output pins)
enable bit
When this bit is 0 pins 43 and 45 are MTR1 and DR1
respectively
When this bit is 1 pins 43 and 45 are IDLE and PD
respectively
Bit 5
Selective Lock bit This bit enables locking of the fol-
lowing configuration bits bit 5 of PMC bit 4 of FER
bits 0 – 7 of FAR bits 2 – 3 of PTR bits 6 – 7 of FCR
and bit 0 of TUP Unlike bit 6 of PTR it does not lock
all the configuration bits
Once this bit is set by software it can only be cleared
by a hardware reset This bit should be used instead of
bit 6 of PTR if a configuration bit should be dynamically
modified by software (like PMC bits)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com