Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 31Page - National Semiconductor (TI) PC87332 Datasheet HTML 32Page - National Semiconductor (TI) PC87332 Datasheet HTML 33Page - National Semiconductor (TI) PC87332 Datasheet HTML 34Page - National Semiconductor (TI) PC87332 Datasheet HTML 35Page - National Semiconductor (TI) PC87332 Datasheet HTML 36Page - National Semiconductor (TI) PC87332 Datasheet HTML 37Page - National Semiconductor (TI) PC87332 Datasheet HTML 38Page - National Semiconductor (TI) PC87332 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
40 FDC Command Set Description (Continued)
The sixth byte of the result phase varies depending on what
commands have been previously executed If a format com-
mand has previously been issued and no reads or writes
have been issued since then this byte contains the Sectors
per track value If a read or a write command has been
executed more recently than a format command this byte
contains the End of Track value The LOCK bit is set in the
Lock command The eighth result byte also contains the bits
programmed in the Perpendicular Mode command The last
two bytes of the Dumpreg Result Phase are set in the Con-
figure command After a hardware or software reset the
parameters in the result bytes are set to their appropriate
default values
Note
Some of these parameters are unaffected by a software reset de-
pending on the state of the LOCK bit See the Lock Command for
further information
Command Phase
00001110
Execution Phase
Internal registers read
Result Phase
PTR Drive 0
PTR Drive 1
PTR Drive 2
PTR Drive 3
Step Rate Time
Motor Off Time
Motor On Time
DMA
Sector per TrackEnd of Track (Note)
LOCK
0
DC3
DC2
DC1
DC0
GAP
WG
0
EIS
FIFO
POLL
THRESH
PRETRK
Note
Sectors per Track parameter returned if last command issued was
Format End of Track parameter returned if last command issued was
Read or Write
413 Format Track Command
This command formats one track on the disk in IBM ISO or
Perpendicular format After the index hole is detected data
patterns are written on the disk including all gaps Address
Marks Address Fields and Data Fields The exact format is
determined by the following parameters
1 The MFM bit in the Opcode (first command) byte which
determines the format of the Address Marks and the en-
coding scheme
2 The IAF bit in the Mode command which selects be-
tween IBM and ISO format
3 The WGATE and GAP bits in the Perpendicular Mode
command which select between the conventional and
Toshiba Perpendicular format
4 The Bytes per Sector code which determines the sector
size
5 The Sector per Track parameter which determines how
many sectors are formatted on the track
6 The Data Pattern byte which is used as the filler byte in
the Data Field of each sector
Command Phase
0
MFM
0
0
1
1
0
1
X
X
XXXHDDR1
DR0
Bytes per Sector
Sectors per Track
Format Gap
Data Pattern
Execution Phase
System transfers four ID bytes (track
head sector bytessector) per sector to the floppy control-
ler via DMA or Non-DMA modes The entire track is format-
ted The data block in the Data Field of each sector is filled
with the data pattern byte
Result Phase
Status Register 0
Status Register 1
Status Register 2
Undefined
Undefined
Undefined
Undefined
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector bytes per sector
code) for each sector formatted during the Execution
Phase This allows for non-sequential sector interleaving
This transfer of bytes from the mP to the controller can be
done in the DMA or Non-DMA mode with the FIFO enabled
or disabled
The Format Gap byte in the Command Phase is dependent
on the data rate and type of disk drive and controls the
length of GAP3 Some typical values for the programmable
GAP3 are given in Table 4-1
Figure 4-2 shows the track
format for each of the formats recognized by the format
command Table 4-2 shows some typical values for the For-
mat GAP3 based on media type The Format command ter-
minates when the index hole is detected a second time at
which point an interrupt is generated Only the first three
status bytes in the Result Phase are significant
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com