Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 86Page - National Semiconductor (TI) PC87332 Datasheet HTML 87Page - National Semiconductor (TI) PC87332 Datasheet HTML 88Page - National Semiconductor (TI) PC87332 Datasheet HTML 89Page - National Semiconductor (TI) PC87332 Datasheet HTML 90Page - National Semiconductor (TI) PC87332 Datasheet HTML 91Page - National Semiconductor (TI) PC87332 Datasheet HTML 92Page - National Semiconductor (TI) PC87332 Datasheet HTML 93Page - National Semiconductor (TI) PC87332 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
90 Electrical Characteristics (Continued)
936 Receiver Timing
Symbol
Parameter
Conditions
Min
Max
Units
tRAI
Delay from Active Edge of RD to Reset IRQ
78
ns
tRINT
Delay from Inactive Edge of RD (RD LSR) to Reset IRQ
55
ns
tSCD
Delay from RCLK to Sample Time (Note 1)
41
ns
tSINT
Delay from Stop Bit to Set Interrupt
2
Baud Out Cycles
Note 1
This is an internal timing and is therefore not tested
TLC11930 – 45
FIGURE 9-6a Sample Clock Timing
TLC11930 – 29
FIGURE 9-6b Receiver Timing
TLC11930 – 30
Note 2
If SCR0 e 1 then tSINT e 3 RCLKs For a Timeout interrupt tSINT e 8 RCLKs
FIGURE 9-6c FIFO Mode Receiver Timing
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com