Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 87Page - National Semiconductor (TI) PC87332 Datasheet HTML 88Page - National Semiconductor (TI) PC87332 Datasheet HTML 89Page - National Semiconductor (TI) PC87332 Datasheet HTML 90Page - National Semiconductor (TI) PC87332 Datasheet HTML 91Page - National Semiconductor (TI) PC87332 Datasheet HTML 92Page - National Semiconductor (TI) PC87332 Datasheet HTML 93Page - National Semiconductor (TI) PC87332 Datasheet HTML 94Page - National Semiconductor (TI) PC87332 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
90 Electrical Characteristics (Continued)
TLC11930 – 31
Note 3
If SCR0 e 1 then tSINT e 3 RCLKs For a Timeout interrupt tSINT e 8 RCLKs
FIGURE 9-6d Timeout Receiver Timing
937 MODEM Control Timing
Symbol
Parameter
Conditions
Min
Max
Units
tMDO
Delay from WR (WR MCR) to Output
40
ns
tRIM
Delay to Reset IRQ from RD (RD MSR)
78
ns
tSIM
Delay to Set IRQ from MODEM Input
40
ns
TLC11930 – 32
Note 1
See Microprocessor Write cycle timing
Figure 10-3
Note 2
See Microprocessor Read cycle timing
Figure 10-2
FIGURE 9-7 MODEM Control Timing
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com