Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 72Page - National Semiconductor (TI) PC87332 Datasheet HTML 73Page - National Semiconductor (TI) PC87332 Datasheet HTML 74Page - National Semiconductor (TI) PC87332 Datasheet HTML 75Page - National Semiconductor (TI) PC87332 Datasheet HTML 76Page - National Semiconductor (TI) PC87332 Datasheet HTML 77Page - National Semiconductor (TI) PC87332 Datasheet HTML 78Page - National Semiconductor (TI) PC87332 Datasheet HTML 79Page - National Semiconductor (TI) PC87332 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
70 Parallel Port (Continued)
76 EXTENDED CAPABILITIES PARALLEL PORT (ECP)
761 Introduction
The ECP support includes a 16-byte FIFO that can be con-
figured for either direction commanddata FIFO tags (one
per byte) a FIFO threshold interrupt for both directions
FIFO empty and full status bits automatic generation of
strobes (by hardware) to fill or empty the FIFO transfer of
commands and data and a Run Length Encoding (RLE) ex-
panding (decompression) as explained below
The Extended Capabilities Port (ECP) is enabled when bit 2
of PCR is 1 Once enabled its mode is controlled via the
mode field of ECRbits 5 6 7 of the ECR register
The ECP has ten registers See Table 7-7
The AFIFO CFIFO DFIFO and TFIFO registers access the
same ECP FIFO The FIFO is accessed at Base a 000h or
Base a 400h depending on the mode field of ECR and the
register
The FIFO can be accessed by host DMA cycles as well as
host PlO cycles
When DMA is configured and enabled (bit 3 of ECR is 1 and
bit 2 of ECR is 0) the ECP automatically (by hardware) is-
sues DMA requests to fill the FIFO (in the forward direction
when bit 5 of DCR is 0) or to empty the FIFO (in the back
ward direction when bit 5 of DCR is 1) All DMA transfers are
to or from these registers The ECP does not assert a DMA
request for more than 32 consecutive DMA cycles The ECP
stops requesting DMA when Terminal Count TC is detect-
ed during an ECP DMA cycle
A write operation to a full FIFO or a read operation from an
empty FIFO are ignored The written data is lost and the
read data is undefined The FIFO empty and full status bits
are not affected by such an access
Some registers are not accessible in all modes of operation
or may be accessed in one direction only Accessing a non-
accessible register has no effect Data read is undefined
data written is ignored the FIFO does not update The
PC87334 Parallel Port registers (DTR STR and CTR) are
not accessible when ECP is enabled
To improve noise immunity in ECP cycles the state ma-
chine does not examine the control handshake response
lines until the data has had time to switch
In ECP mode
DATAR replaces DTR of SPPEPP
DSR replaces SPR of SPPEPP
DCR replaces CTR of SPPEPP
A detailed description of the various modes follow in Sec-
tions 78 – 711
TABLE 7-7 ECP Registers Summary
A10
A1
A0
Offset
Register
Access
Size
Mode
Function
Address
ECR (5 – 7)
0
0
0
0
DATAR
RW
Byte
000001
Parallel Port Data Register
0
0
0
0
AFIFO
W
Byte
011
ECP Address FIFO
0
0
1
1
DSR
R
Byte
ALL
Status Register
0
1
0
2
DCR
RW
Byte
ALL
Control Register
1
0
0
3
CFIFO
W
Byte
010
Parallel Port Data FIFO
1
0
0
3
DFIFO
RW
Byte
011
ECP Data FIFO
1
0
0
3
TFIFO
RW
Byte
110
Test FIFO
1
0
0
3
CNFGA
R
Byte
111
Configuration Register A
1
0
1
4
CNFGB
R
Byte
111
Configuration Register B
1
1
0
5
ECR
RW
Byte
ALL
Extended Control Register
Note
The Base address is stored in bits A2–A9 It is 278h 378h or 3BCh as specified in the FAR register
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com