Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 77Page - National Semiconductor (TI) PC87332 Datasheet HTML 78Page - National Semiconductor (TI) PC87332 Datasheet HTML 79Page - National Semiconductor (TI) PC87332 Datasheet HTML 80Page - National Semiconductor (TI) PC87332 Datasheet HTML 81Page - National Semiconductor (TI) PC87332 Datasheet HTML 82Page - National Semiconductor (TI) PC87332 Datasheet HTML 83Page - National Semiconductor (TI) PC87332 Datasheet HTML 84Page - National Semiconductor (TI) PC87332 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
80 Integrated Device Electronics Interface (IDE) (Continued)
The two ’LS245 chips are used to enable or TRI-STATE the
data bus signals In the PC-AT mode the PC87332 provides
the two hard disk chip selects (HCS0 HCS1) for the IDE
interface
The HCS0 output is active low when the 1F0 – 1F7h IO
address space is chosen and corresponds to the 1FX signal
on the IDE header
The HCS1 output is active low when the 3F6 or 3F7 IO
addresses are chosen and corresponds to 3FX on the IDE
header These are the two address blocks used in the
PC-AT hard disk controller
Table 8-1 summarizes the addresses used by the PC-AT
hard disk controller
The equations shown in
Figure 8-1 define the signals of the
PC87332 IDE pins
TABLE 8-1 IDE Registers and Their ISA Addresses
Address
Read Function
Write Function
1F0
Data
Data
1F1
Error
Features
(Write Precomp)
1F2
Sector Count
Sector Count
1F3
Sector Number
Sector Number
1F4
Cylinder Low
Cylinder Low
1F5
Cylinder High
Cylinder High
1F6
DriveHead
DriveHead
1F7
Status
Command
3F6
Alternate Status
Device Control
3F7
Drive Address
Not Used
(Note)
Data Bus TRI-STATE
Note
Data bus bit D7 is dedicated to the floppy disk controller at this ad-
dress When reading this address the floppy disk controller disk
change status will be provided by bit D7 There is no write function at
this address in the IDE associated with this bit
Equations
Comments
HCS0 e A9 A8 A7 A6 A5 A4 A3 AEN
Active at 1F0 – 1F7
HCS1 e A9 A8 A7 A6 A5 A4 A3 A2 A1 AEN
Active at 3F6 3F7
IDELO e HCS0 (RD a WR) a HCS1
(WR A0) a RD
Write 1F0 – 1F7 3F6 Read 1F0 – 1F7 3F6 3F7
IDEHI e IOCS16 HCS0 (RD a WR)
Read or Write 1F0 – 1F7 in AT Mode
IDED7 (read) e (HCS0 RD) a (HCS1 A0) RD
Provides D7 during Read 1F0 – 1F7 and 3F6
IDED7 (write) e WR HCS0 a (HCS1 A0)
Provides D7 during Write 1F0 – 1F7 and 3F6
FIGURE 8-1 IDE Interface Signal Equations (Non-DMA)
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com