Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87332 Datasheet HTML 1Page - National Semiconductor (TI) PC87332 Datasheet HTML 2Page - National Semiconductor (TI) PC87332 Datasheet HTML 3Page - National Semiconductor (TI) PC87332 Datasheet HTML 4Page - National Semiconductor (TI) PC87332 Datasheet HTML 5Page - National Semiconductor (TI) PC87332 Datasheet HTML 6Page - National Semiconductor (TI) PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
General Description (Continued)
The parallel port is fully IEEE 1284 level 2 compatible The
SPP (Standard Parallel Port) is fully compatible with ISA
EISA and MicroChannel parallel ports In addition to the
SPP EPP (Enhanced Parallel Port) and ECP (Extended Ca-
pabilities Port) modes are supported by the parallel port
All IDE control signals are provided by the PC87332 Only
external signal buffers are required to implement a complete
IDE interface
A set of eight configuration registers are provided to control
various functions of the PC87332 These registers are ac-
cessed using two 8-bit wide index and data registers The
ISA IO address of the register pair can be relocated using a
power-up strapping option
When idle advanced power management features allows
the PC87332 to enter extremely low power modes under
hardware or software control The PC87332VLJ can oper-
ate from a 5V or a 33V power supply An unique IO cell
structure allows the PC87332VLJ to interface directly with
5V external components while operating from a 33V power
supply
Features (Continued)
Y
UARTs
Software compatible with the PC16550A and
PC16450
MIDI baud rate support
Y
IDE Control Logic
All IDE control signals Only external signal buffers
required to implement full IDE interface
Y
Address Decoder
Provides selection of all primary and secondary ISA
addresses including COM1 – 4 and LPTA – C
Y
Enhanced Power Management
Special configuration registers for power-down
Enhanced programmable power-down FDC
command
Auto power-down and wake-up modes
3 special pins for power management
Typical current consumption during power-down is
less than 10 mA
Reduced pin leakage current
Y
Mixed Voltage Support
Supports standard 5V operation
Supports 33V operation
Supports mixed internal 33V operation with 33V5V
external configuration
Y
General
100% compatible with ISA EISA and MicroChannel
architectures
100-Pin PQFP package is pin compatible with the
PC87312 and PC87322VF
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com