Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 9Page - National Semiconductor (TI) PC87332 Datasheet HTML 10Page - National Semiconductor (TI) PC87332 Datasheet HTML 11Page - National Semiconductor (TI) PC87332 Datasheet HTML 12Page - National Semiconductor (TI) PC87332 Datasheet HTML 13Page - National Semiconductor (TI) PC87332 Datasheet HTML 14Page - National Semiconductor (TI) PC87332 Datasheet HTML 15Page - National Semiconductor (TI) PC87332 Datasheet HTML 16Page - National Semiconductor (TI) PC87332 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
IRQ5
98
IO
Interrupt 5
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled this signal is TRI-
STATE This pin is IO only when ECP is enabled and IRQ5 is configured For ECP operation refer to
the interrupt ECP Section 7111
IRQ6
97
O
Interrupt 6
Active high output to signal the completion of the execution phase for certain FDC
commands Also used to signal when a data transfer is ready during a Non-DMA operation When in
PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode IRQ6 is
always enabled and bit D3 of the DOR is reserved
IRQ7
96
IO
Interrupt 7
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled this signal is
TRI-STATE This pin is IO only when ECP is enabled and IRQ7 is configured For ECP operation
refer to the interrupt ECP Section 7111
MR
2
I
Master Reset
Active high input that resets the controller to the idle state and resets all disk interface
outputs to their inactive states The DOR DSR CCR Mode command Configure command and Lock
command parameters are cleared to their default values The Specify command parameters are not
affected The Configuration Registers are set to their selected default values
MFM
53
IO
MFM (Modified Frequency Modulation)
During a chip reset when lDENT is low this pin is sampled
to select the PS2 mode (MFM high) or the Model 30 mode (MFM low) An internal pull-up or external
pull-down 10k resistor selects between the two PS2 modes When the PC-AT mode is desired
(lDENT high) MFM should be left pulled high internally MFM reflects the current data encoding
format when RESET is inactive MFM e high Defaults to low after a chip reset (See IOCHRDY for
further information)
MTR01
Normal
46 43
O
Motor Select 01
These are the motor enable lines for drives 0 and 1 and they are controlled by bits
D7 – D4 of the Digital Output register They are active low outputs They are encoded with information
Mode
to control four FDDs when bit 4 of the Function Enable Register (FER) is set MTR0 exchanges logical
motor values with MTR1 when bit 4 of FCR is set (See DR01)
MTR1
PPM
84
O
Motor Select 1
This pin provides an additional Motor Select 1 signal in PPM Mode when PNF e 0
This pin is the motor enable line for drive 1 when bit 4 of FCR is 0 It is the motor enable line for drive 0
Mode
when bit 4 of FCR is 1 This signal is active low (See BUSY and Table 7-5 for further information)
MSEN01
Normal
52 51
I
Media Sense
These pins are Media Sense input pins when bit 0 of FCR is 0 Each pin has a 10 kX
internal pull-up resistor When bit 0 of FCR is 1 these pins are Data Rate output pins and the pull-up
Mode
resistors are disabled (See DRATE01 for further information)
MSEN01
PPM
88 86
I
Media Sense
These pins provide additional Media Sense signals for PPM Mode and PNF e 0 (See
PD5 7 and Table 7-5 for further information)
Mode
PD
45
O
Power-Down
This pin is PD output when bit 4 of PMC is 1 It is DR1 when bit 4 of PMC is 0 PD is
active high whenever the FDC is in power-down state either via bit 6 of DSR (or bit 3 of FER or bit 0
of PTR) or via the mode command See DR1 for further information
PD0 – 7
94 – 91
IO
Parallel Port Data
These bidirectional pins transfer data to and from the peripheral data bus and the
parallel port Data Register These pins have high current drive capability (See DC Electrical
89–86
Characteristics)
(See MSEN01 INDEX TRK0 WP RDATA DSKCHG and Table 7-5 for further information)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com