Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87332 Datasheet HTML 1Page - National Semiconductor (TI) PC87332 Datasheet HTML 2Page - National Semiconductor (TI) PC87332 Datasheet HTML 3Page - National Semiconductor (TI) PC87332 Datasheet HTML 4Page - National Semiconductor (TI) PC87332 Datasheet HTML 5Page - National Semiconductor (TI) PC87332 Datasheet HTML 6Page - National Semiconductor (TI) PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
List of Figures
FIGURE 2-1
PC87332VLJPC87332VLJ-5 Configuration Registers
FIGURE 2-2
PC87332 Four Floppy Drive Circuit Example
FIGURE 3-1
FDC Functional Block Diagram
FIGURE 4-1
FDC Command Structure
FIGURE 4-2
IBM Perpendicular and ISO Formats Supported by the Format Command
FIGURE 5-1
PC87332 Dynamic Window Margin Performance
FIGURE 5-2
Read Data AlgorithmState Diagram
FIGURE 5-3
Perpendicular Recording Drive RW Head and Pre-Erase Head
FIGURE 6-1
PC87332 Composite Serial Data
FIGURE 6-2
Reciever FIFO Trigger Level
FIGURE 7-1
EPP 17 Address Write
FIGURE 7-2
EPP 17 Address Read
FIGURE 7-3
EPP Write with ZWS
FIGURE 7-4
EPP 19 Address Write
FIGURE 7-5
EPP 19 Address Read
FIGURE 7-6
ECP (Forward) Write Cycle
FIGURE 7-7
ECP (Backward) Read Cycle
FIGURE 8-1
IDE Interface Signal Equations (Non-DMA)
FIGURE 9-1
Clock Timing
FIGURE 9-2
Microprocessor Read Timing
FIGURE 9-3
Microprocessor Write Timing
FIGURE 9-4
Baud Out Timing
FIGURE 9-5
Transmitter Timing
FIGURE 9-6a
Sample Clock Timing
FIGURE 9-6b
Receiver Timing
FIGURE 9-6c
Mode Receiver Timing
FIGURE 9-6d
Timeout Receiver Timing
FIGURE 9-7
MODEM Control Timing
FIGURE 9-8
DMA Timing
FIGURE 9-9
Reset Timing
FIGURE 9-10
Write Data Timing
FIGURE 9-11
Drive Control Timing
FIGURE 9-12
Read Data Timing
FIGURE 9-13
IDE Timing
FIGURE 9-14
Compatible Mode Parallel Port Interrupt Timing
FIGURE 9-15
Extended Mode Parallel Port Interrupt Timing
FIGURE 9-16
Typical Parallel Port Data Exchange
FIGURE 9-17
Enhanced Parallel Port Timing
FIGURE 9-18
ECP Parallel Port Forward Timing Diagram
FIGURE 9-19
ECP Parallel Port Backward Timing Diagram
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com