Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 15Page - National Semiconductor (TI) PC87332 Datasheet HTML 16Page - National Semiconductor (TI) PC87332 Datasheet HTML 17Page - National Semiconductor (TI) PC87332 Datasheet HTML 18Page - National Semiconductor (TI) PC87332 Datasheet HTML 19Page - National Semiconductor (TI) PC87332 Datasheet HTML 20Page - National Semiconductor (TI) PC87332 Datasheet HTML 21Page - National Semiconductor (TI) PC87332 Datasheet HTML 22Page - National Semiconductor (TI) PC87332 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
20 Configuration Registers (Continued)
23 HARDWARE CONFIGURATION
During reset one of 32 possible sets of default values are
loaded into the first three Configuration Registers A strap-
ping option on five pins (CFG0 – 4) selects the set of values
that is loaded This allows for automatic configuration with-
out software intervention Table 2-1 shows the 32 possible
default configurations The default configuration can be
modified by software at any time after reset by using the
access procedure described in the Software Configuration
Section
Table 2-1 is organized as follows The logic values of the
five external Configuration Pins are associated with the re-
sulting Configuration Register Data and the activated func-
tions The activated functions are grouped into seven cate-
gories based on the data in the FER In some cases the
data in the FER is given as one of two options This is be-
cause the primary or secondary IDE address is chosen via
the FER
The PTR has one value associated with the active functions
in the FER This value allows the power-down of all clocks
when the PWDN pin goes active In the last case where no
functions are active after reset activating the PWDN pin
also stops the crystal
Most of the variability available is through the FAR Ad-
dresses controlled by the FAR are coded as follows
PRI
is the PRImary floppy or IDE address (ie 3F0 – 7h
or 1F0 – 7 3F6 7h)
SEC
is the SECondary IDE address (170 – 7 376 7h)
COM1 is the UART address at 3F8 – Fh
COM2 is the UART address at 2F8 – Fh
COM3 is the UART address at 3E8 – Fh
COM4 is the UART address at 2E8 – Fh
LPTA
is the parallel port (
ll PORT ) address at 3BC–
3BEh
LPTB
is the
ll PORT address at 378–37Fh
The chosen addresses are given under active functions and
are in the same order as the active functions with which
they are associated In other words if the active functions
are given as FDC IDE UART1 UART2
ll PORT and the
addresses are given as PRI PRI COM1 COM2 LPTB then
the functions and the addresses are associated as follows
FDC
e
PRI
IDE
e
PRI
UART1
e
COM1
UART2 e COM2
ll PORT e LPTB
TABLE 2-1 Default Configurations Controlled by Hardware
Configuration Pins (CFGn)
(Hex)
Data
Activated Functions
43210
FER e 4F CF
FDC IDE UART1 UART2
ll PORT
PTR e 00 80
Power-Down Clocks Option
00000
FAR e 10
PRI PRI COM1 COM2 LPTB
00001
FAR e 11
PRI PRI COM1 COM2 LPTA
00010
FAR e 11
PRI SEC COM1 COM2 LPTA
00011
FAR e 39
PRI PRI COM3 COM4 LPTA
00100
FAR e 24
PRI PRI COM2 COM3 LPTB
00101
FAR e 38
PRI SEC COM3 COM4 LPTB
FER e 4B CB
FDC IDE UART1
ll PORT
PTR e 00 80
Power-Down Clocks Option
00110
FAR e 00
PRI PRI COM1 LPTB
00111
FAR e 01
PRI PRI COM1 LPTA
01000
FAR e 01
PRI SEC COM1 LPTA
01001
FAR e 09
PRI PRI COM3 LPTA
01010
FAR e 08
PRI PRI COM3 LPTB
01011
FAR e 08
PRI SEC COM3 LPTB
FER e 0F
FDC UART1 UART2
ll PORT
PTR e 00 80
Power-Down Clocks Option
01100
FAR e 10
PRI COM1 COM2 LPTB
01101
FAR e 11
PRI COM1 COM2 LPTA
01110
FAR e 39
PRI COM3 COM4 LPTA
01111
FAR e 24
PRI COM2 COM3 LPTB
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com