Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 35Page - National Semiconductor (TI) PC87332 Datasheet HTML 36Page - National Semiconductor (TI) PC87332 Datasheet HTML 37Page - National Semiconductor (TI) PC87332 Datasheet HTML 38Page - National Semiconductor (TI) PC87332 Datasheet HTML 39Page - National Semiconductor (TI) PC87332 Datasheet HTML 40Page - National Semiconductor (TI) PC87332 Datasheet HTML 41Page - National Semiconductor (TI) PC87332 Datasheet HTML 42Page - National Semiconductor (TI) PC87332 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
40 FDC Command Set Description (Continued)
FRD
FIFO Read Disable for mP read transfers from con-
troller Default after a software reset if LOCK is 0 If
LOCK is 1 FRD retains its value after a software re-
set
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Enable FIFO mP read transfers during the Exe-
cution Phase use the internal FIFO
1 e
Disable FIFO All read data transfers take place
without the FIFO
BST
Burst Mode Disable Default after a software reset if
LOCK is 0 If LOCK is 1 BST retains its value after a
software reset
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Burst mode enabled for FIFO Execution Phase
data transfers
1 e
Non-Burst mode enabled The DRQ or IRQ6 pin
is strobed once for each byte to be transferred
while the FIFO is enabled
R255
Recalibrate Step Pulses The bit determines the
maximum number of recalibrate step pulses the con-
troller issues before terminating with an error De-
fault after a software reset
0 e Maximum of 85 recalibrate step pulses If ETR
e
1 controller issues 3925 recalibrate step
pulses maximum
1 e
Maximum of 255 recalibrate step pulses If ETR
e
1 controller issues 4095 maximum recali-
brate step pulses
DENSEL
Density Select Pin Configuration This 2-bit value
configures the Density Select output to one of
three possible modes The default mode config-
ures the DENSEL pin according to the state of
the IDENT input pin after a data rate has been
selected That is if IDENT is high the DENSEL
pin
is
active
high
for
the
500
kbps
1 Mbps2 Mbps data rates If IDENT is low the
DENSEL
pin
is
active
low
for
the
500 kbps1 Mbps2 Mbps data rates See Table
4-3 In addition to these modes the DENSEL out-
put can be set to always low or always high as
shown in Table 4-4 This allows the user more
flexibility with new drive types
TABLE 4-3 DENSEL Default Encoding
Data Rate
DENSEL Pin Definition
IDENT e 1
IDENT e 0
250 kbps
Low
High
300 kbps
Low
High
500 kbps
High
Low
1 Mbps
High
Low
2 Mbps
High
Low
When TUP bit 1 e 0 a Data Rate of 1 Mbps is selected
When TUP bit 1 e 1 a Data Rate of 2 Mbps is selected
TABLE 4-4 DENSEL Encoding
Bit 1
Bit 0
DENSEL
Pin Definition
0
0
Pin Low
0
1
Pin High
1
0
Undefined
1
1
DEFAULT
BFR
CMOS Disk Interface Buffer Enable
0 e Drive output signals configured as standard 4 mA
push-pull outputs (actually 40 mA sink 4 mA
source)
1 e
Drive output signals configured as 40 mA open-
drain outputs
WLD
Scan Wild Card
0 e An FFh from either the mP or the disk during a
Scan command is interpreted as a wildcard
character that always matches true
1 e
The Scan commands do not recognize FFh as a
wildcard character
Head
Settle
Time allowed for readwrite head to settle after a
seek during an Implied Seek operation This is con-
trolled as shown in Table 4-5 by loading a 4-bit value
for N (The default value for N is 8)
TABLE 4-5 Head Settle Time Calculation
Data Rate
Multiplier
Head Settle
(kbitssec)
(4 Bit Value)
Time (ms)
250
N c 8
0 – 120
300
N c 6666
0 – 100
500
N c 4
0–60
1000
N c 2
0–30
RG
Read Gate Diagnostic
0 e Enable DSKCHG disk interface input for normal
operation
1 e
Enable DSKCHG to act as an external Read Gate
input signal to the Data Separator This is intend-
ed as a test mode to aid in evaluation of the Data
Separator
PU
PUMP Pulse Output Diagnostic
0 e Enable MFM output pin for normal operation
1 e
Enable the MFM output to act as an internal serial
data in signal
417 NSC Command
The NSC command can be used to distinguish between the
FDC versions and the 82077 The Result Phase byte
uniquely identifies the floppy controller as a PC87334 which
returns a value of 73h The 82077 and DP8473 return a
value of 80h signifying an invalid command The lower four
bits of this result byte are subject to change by National
and reflects the particular version of the floppy disk control-
ler part
Command Phase
00011000
Execution Phase None
Result Phase
01110011
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com