Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87332 Datasheet HTML 1Page - National Semiconductor (TI) PC87332 Datasheet HTML 2Page - National Semiconductor (TI) PC87332 Datasheet HTML 3Page - National Semiconductor (TI) PC87332 Datasheet HTML 4Page - National Semiconductor (TI) PC87332 Datasheet HTML 5Page - National Semiconductor (TI) PC87332 Datasheet HTML 6Page - National Semiconductor (TI) PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
Table of Contents (Continued)
60 SERIAL PORTS
61 Serial Port Registers
62 Line Control Register (LCR)
63 Programmable Baud Rate Generator
64 Line Status Register (LSR)
65 FIFO Control Register
66 Interrupt Identification Register (IIR)
67 Interrupt Enable Register (IER)
68 MODEM Control Register (MCR)
69 MODEM Status Register (MSR)
610 Scratchpad Register (SCR)
70 PARALLEL PORT
71 Introduction
72 Data Register (DTR)
73 Status Register (STR)
74 Control Register (CTR)
75 Enhanced Parallel Port Operation
76 Extended Capabilities Parallel Port (ECP)
761 Introduction
762 Software Operation
77 Register Definitions
78 Software Controlled Data Transfer
(Modes 000 and 001)
79 Automatic Data Transfer (Modes 010 and 011)
791 Forward Direction (Bit 5 of DCRe0)
792 ECP (Forward) Write Cycle
793 Backward Direction (bit 5 of DCR is 1)
794 ECP (Backward) Read Cycle
710 FIFO Test Access (Mode 110)
711 Configuration Registers Access (Mode 111)
712 Interrupt Generation
80 INTEGRATED DEVICE ELECTRONICS
INTERFACE (IDE)
81 Introduction
82 IDE Signals
90 ELECTRICAL CHARACTERISTICS
91 DC Electrical Characteristics
92 DC Electrical Characteristics
93 AC Electrical Characteristics
931 AC Test Conditions
932 Clock Timing
933 Microprocessor Interface Timing
934 Baud Out Timing
935 Transmitter Timing
936 Receiver Timing
937 MODEM Control Timing
938 DMA Timing
939 Reset Timing
9310 Write Data Timing
9311 Drive Control Timing
9312 Read Data Timing
9313 IDE Timing
9314 Parallel Port Timing
9315 Enhanced Parallel Port Timing
9316 Extended Capabilities Port Timing
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com