Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87332 Datasheet HTML 1Page - National Semiconductor (TI) PC87332 Datasheet HTML 2Page - National Semiconductor (TI) PC87332 Datasheet HTML 3Page - National Semiconductor (TI) PC87332 Datasheet HTML 4Page - National Semiconductor (TI) PC87332 Datasheet HTML 5Page - National Semiconductor (TI) PC87332 Datasheet HTML 6Page - National Semiconductor (TI) PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
TLC11930
PRELIMINARY
May 1995
PC87332VLJ (33V5V) and PC87332VLJ-5 (5V)
(SuperIO
TM III Premium Green)
Floppy Disk Controller Dual UARTs IEEE1284
Parallel Port and IDE Interface
General Description
The PC87332VLJ and PC87332VLJ-5 are single chip solu-
tions for most commonly used IO peripherals in ISA EISA
and MicroChannel
based computers It incorporates a
Floppy Disk Controller (FDC) two full featured UARTs an
IEEE 1284 compatible parallel port and all the necessary
control logic for an IDE interface Standard PC-AT
address
decoding for all the peripherals and a set of configuration
registers are also implemented in this highly integrated
member of the SuperIO family Advanced power manage-
ment features and mixed voltage operation in the VLJ ver-
sion make the PC87332 chips an ideal for low-power andor
portable personal computer applications
The PC87332 FDC uses a high performance digital data
separator eliminating the need for any external filter compo-
nents It is fully compatible with the PC8477 and incorpo-
rates a superset of DP8473 NEC mPD765 and N82077 flop-
py disk controller functions All popular 525 and 35 flop-
py drives including the 288 MB 35
floppy drive are sup-
ported In addition automatic media sense and 2 Mbps tape
drive support are provided by the FDC
The two UARTs are fully NS16450 and NS16550 compati-
ble Both ports support MIDI baud rates
(Continued)
Features
Y
Floppy Disk Controller
Software compatible with the DP8473 the 765A and
the N82077
16-byte FIFO (disabled by default)
Burst and Non-Burst modes
Perpendicular Recording drive support
New high-performance internal digital data separator
(no external filter components required)
Low-power CMOS with enhanced power-down mode
Automatic media-sense support
Supports fast 2 Mbps and standard 1 Mbps
500 kbps250 kbps tape drives
Y
Bidirectional Parallel Port
Enhanced Parallel Port (EPP) compatible
Extended Capabilities Port (ECP) compatible includ-
ing level 2 support
Bidirectional under either software or hardware
control
Ability to multiplex FDC signals on parallel port pins
allows use of an external Floppy Disk Drive (FDD)
Includes protection circuit to prevent damage to the
parallel port when a connected printer is powered up
or is operated at a higher voltage
(Continued)
Block Diagram
TLC11930 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
SuperIOTM is a trademark of National Semiconductor Corporation
IBM
MicroChannel
PC-AT
and PS2
are registered trademarks of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M65Printed in U S A


Similar Part No. - PC87332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87334VJG NSC-PC87334VJG Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
More results

Similar Description - PC87332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com