Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) PC87332 Datasheet HTML 10Page - National Semiconductor (TI) PC87332 Datasheet HTML 11Page - National Semiconductor (TI) PC87332 Datasheet HTML 12Page - National Semiconductor (TI) PC87332 Datasheet HTML 13Page - National Semiconductor (TI) PC87332 Datasheet HTML 14Page - National Semiconductor (TI) PC87332 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
DSKCHG
Normal
32
I
Disk Change
This input indicates if the drive door has been opened The state of this pin is available
from the Digital Input register This pin can also be configured as the Read Gate (RGATE) data
Mode
separator diagnostic input via the Mode command (see Section 426)
DSKCHG
PPM
89
I
Disk Change
This pin provides an additional Disk Change signal in PPM Mode when PNF e 0 (See
PD4 and Table 7-5 for further information)
Mode
DSR12
76 68
I
Data Set Ready
When low this signal indicates that the data set or MODEM is ready to establish a
communications link The DSR signal is a MODEM status input whose condition the CPU can test by
reading bit 5 (DSR) of the MODEM Status Register (MSR) for the appropriate channel Bit 5 is the
complement of the DSR signal Bit 1 (DDSR) of the MSR indicates whether the DSR input has changed
states since the previous reading of the MSR (See IRRX for further information)
Note
Whenever the DDSR bit of the MSR is set an interrupt is generated If MODEM Status interrupts are enabled
DSTRB
78
O
Data Strobe
This signal is used in EPP mode as a data strobe It is active low (See AFD and Table 7-5
for further information)
DTR12
71 63
O
Data Terminal Ready
When low this output indicates to the MODEM or data set that the UART is
ready to establish a communications link The DTR signal can be set to an active low by programming
bit 0 (DTR) of the MODEM Control Register to a high level A Master Reset operation sets this signal to
its inactive (high) state Loop mode operation holds this signal to its inactive state (See CFG4 – 0 for
further information)
ERR
79
I
Error
A connected printer sets this input low when it has detected an error This pin has a nominal 25
kX pull-up resistor attached to it (See HDSEL and Table 7-5 for further information)
FDACK
5I
DMA Acknowledge
Active low input to acknowledge the FDC DMA request and enable the RD and
WR inputs during a DMA transfer When in PC-AT or Model 30 mode this signal is enabled by bit D3
of the Digital Output Register (DOR) When in PS2 mode FDACK is always enabled and bit D3 of the
DOR is reserved FDACK should be held high during IO accesses
FDRQ
4
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is needed
When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode
FDRQ is always enabled and bit D3 of the DOR is reserved
HCS0
58
O
Hard Drive Chip Select 0
This output is active in the AT mode when 1) the hard drive registers from
1F0 – 1F7h are selected and the primary address is used or 2) the hard drive registers from 170 – 177h
are selected and the secondary address is used This output is inactive if the IDE interface is disabled
via the Configuration Register (See BADDR1 for further information)
HCS1
57
O
Hard Drive Chip Select 1
This output is active in the AT mode when 1) the hard drive registers from
3F6 – 7 are selected and the primary address is used or 2) the hard drive registers from 376 – 377 are
selected and the secondary address is used This output is also inactive if the IDE interface is disabled
via the Configuration Register (See CLK48 for further information)
HDSEL
Normal
34
O
Head Select
This output determines which side of the FDD is accessed When active the head
selects side 1 When inactive the head selects side 0
Mode
HDSEL
PPM
79
O
Head Select
This pin provides an additional Head Select signal in PPM Mode when PNF e 0 (See
ERR and Table 7-5 for further information)
Mode
IDED7
60
IO
IDE Bit 7
This pin provides the data bus bit 7 signal to the IDE hard drive during accesses in the
address range 1F0 – 1F7h 170 – 177h 3F6h and 376h This pin is in TRI-STATE during read or write
accesses to 3F7h and 377h
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com