Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 5Page - National Semiconductor (TI) PC87332 Datasheet HTML 6Page - National Semiconductor (TI) PC87332 Datasheet HTML 7Page - National Semiconductor (TI) PC87332 Datasheet HTML 8Page - National Semiconductor (TI) PC87332 Datasheet HTML 9Page - National Semiconductor (TI) PC87332 Datasheet HTML 10Page - National Semiconductor (TI) PC87332 Datasheet HTML 11Page - National Semiconductor (TI) PC87332 Datasheet HTML 12Page - National Semiconductor (TI) PC87332 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
Symbol
Pin
IO
Function
A10–A0
21–31
I
Address
These microprocessor address lines determine which internal register is accessed A0 –
A10 are don’t cares during a DMA transfer
ACK
85
I
Acknowledge
This input is pulsed low by a connected printer to indicate that it has received data
from the parallel port This pin has a nominal 25 kX pull-up resistor attached to it (This pin is
shared with DR1 See Table 7-5 for further information)
AFD
78
IO
Automatic Feed XT
When this signal is low the connected printer should automatically line feed
after each line is printed This pin is in a TRI-STATE condition 10 ns aftera0is loaded into the
corresponding Control Register bit The system should pull this pin high using a 47 kX resistor
(See DSTRB and Table 7-5 for further information)
AEN
20
I
Address Enable
This input disables function selection via A10 – A0 when it is high Access during
DMA transfer is NOT affected by this pin
ASTRB
81
O
Address Strobe
This signal is used in EPP mode as an address strobe It is active low (See
SLIN and Table 7-5 for further information)
BADDR01
55 58
I
Base Address
These bits determine one of four base addresses from which the Index and Data
Registers are offset (See Table 2-2) An internal pull-down resistor of 30 kX is present on this pin
Usea10kX resistor to pull this pin to VCC
BOUT12
73 65
O
BAUD Output
This multi-function pin provides the associated serial channel Baud Rate generator
output signal when test mode is selected in the Power and Test Configuration Register and the
DLAB bit (LCR7) is set After Master Reset this pin provides the SOUT function (See SOUT and
CFG0 – 4 for further information)
BUSY
84
I
Busy
This pin is set high by the printer when it cannot accept another character It has a nominal
25 kX pull-down resistor attached to it (See WAIT and Table 7-5 for further information)
CFG0 – 4
65 66 71
I
Configuration on Power-up
These CMOS inputs select 1 of 32 default configurations in which
the PC87334VLJPC87334VJG powers-up (See Table 2-1) An internal pull-down resistor of 30
73 74
kX is present on each pin Use a 10 kX resistor to pull these pins to VCC
CLK48
57
I
Clock 48
This pin is the CLK48 reset strap option During reset the value of this pin is latched into
bit 0 of TUP (CLK48 bit) A 30 kX internal pull-down resistor is present on this pin Use a 10 kX
resistor to pull it high during reset
CTS12
72 64
I
Clear to Send
When low this indicates that the MODEM or data set is ready to exchange data
The CTS signal is a MODEM status input whose condition the CPU can test by reading bit 4 (CTS)
of the MODEM Status Register (MSR) for the appropriate serial channel Bit 4 is the complement
of the CTS signal Bit 0 (DCTS) of the MSR indicates whether the CTS input has changed state
since the previous reading of the MSR CTS has no effect on the transmitter
Note
Whenever the DCTS bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
D7–D0
10–17
I O
Data
Bi-directional data lines to the microprocessor D0 is the LSB and D7 is the MSB These
signals all have 24 mA (sink) buffered outputs
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com