Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 26Page - National Semiconductor (TI) PC87332 Datasheet HTML 27Page - National Semiconductor (TI) PC87332 Datasheet HTML 28Page - National Semiconductor (TI) PC87332 Datasheet HTML 29Page - National Semiconductor (TI) PC87332 Datasheet HTML 30Page - National Semiconductor (TI) PC87332 Datasheet HTML 31Page - National Semiconductor (TI) PC87332 Datasheet HTML 32Page - National Semiconductor (TI) PC87332 Datasheet HTML 33Page - National Semiconductor (TI) PC87332 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
30 FDC Register Description (Continued)
D4 – 2
Reserved
These bits are ignored
D1 0
Tape Select 10
These bits assign a logical drive
number to a tape drive Drive 0 is not available as a
tape drive and is reserved as the floppy disk boot
drive See Table 3-4 for the tape drive assignment
values
TABLE 3-3 Media ID Bit Functions
Bit 7
Bit 6
Bit 5
Media Type
X
X
1
Invalid Data
0
0
0
525
0
1
0
288M
1
0
0
144M
1
1
0
720k
TABLE 3-4 Tape Drive Assignment Values
TAPESEL1
TAPESEL0
Drive
Selected
0
0
None
01
1
10
2
11
3
315 Main Status Register (MSR)
Read Only
The read-only Main Status Register (MSR) indicates the cur-
rent status of the disk controller The MSR is always avail-
able to be read One of its functions is to control the flow of
data to and from the Data Register (FIFO) The MSR indi-
cates when the disk controller is ready to send or receive
data through the Data Register It should be read before
each byte is transferred to or from the Data Register except
during a DMA transfer No delay is required when reading
this register after a data transfer
After a hardware or software reset or recovery from a pow-
er-down state the MSR is immediately available to be read
by the mP It contains a value of 00h until the oscillator
circuit has stabilized and the internal registers have been
initialized When the FDC is ready to receive a new com-
mand it reports an 80h to the mP The system software can
poll the MSR until it is ready The worst case time allowed
for the MSR to report an 80h value (RQM set) is 25 ms after
reset or power-up
MSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
RQM
DIO
NON
CMD
DRV3
DRV2
DRV1
DRV0
DMA
PROG
BUSY
BUSY
BUSY
BUSY
RESET
0
0
0
0
0000
COND
D7
Request for Master
Indicates that the controller is
ready to send or receive data from the mP through
the FIFO This bit is cleared immediately after a byte
transfer and is set again as soon as the disk con-
troller is ready for the next byte During a Non-DMA
Execution phase the RQM indicates the status of
the interrupt pin
D6
Data IO (Direction)
Indicates whether the con-
troller is expecting a byte to be written to (0) or read
from (1) the Data Register
D5
Non-DMA Execution
Indicates that the controller
is in the Execution Phase of a byte transfer opera-
tion in the Non-DMA mode This mode can be used
for multiple byte transfers by the mP in the Execu-
tion Phase via interrupts or software polling
D4
Command in Progress
This bit is set after the first
byte of the Command Phase is written This bit is
cleared after the last byte of the Result Phase is
read If there is no Result Phase in a command the
bit is cleared after the last byte of the Command
Phase is written
D3
Drive 3 Busy
Set after the last byte of the Com-
mand Phase when a Seek or Recalibrate command
is issued for drive 3 Cleared after reading the first
byte in the Result Phase of the Sense Interrupt
Command for this drive
D2
Drive 2 Busy
Same as D3 above but for drive 2
D1
Drive 1 Busy
Same as D3 above but for drive 1
D0
Drive 0 Busy
Same as D3 above but for drive 0
316 Data Rate Select Register (DSR)
Write Only
This write-only register is used to program the data rate
amount of write precompensation power-down mode and
software reset The data rate is programmed via the CCR
not the DSR for PC-AT Model 30 and MicroChannel appli-
cations Other applications can set the data rate in the DSR
The data rate of the floppy controller is determined by the
most recent write to either the DSR or CCR The DSR is
unaffected by a software reset A hardware reset sets the
DSR to 02h which corresponds to the default write precom-
pensation setting and a 250 kbps data rate
DSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
SW
LOW
0
PRE-
PRE-
PRE-
DRATE1 DRATE0
RESET POWER
COMP2 COMP1 COMP0
RESET
00
0
0
00
1
0
COND
D7
Software Reset
This bit has the same function as
the DOR RESET (D2 see Section 33) except that
this software reset is self-clearing
D6
Low Power
Placinga1in this bit puts the control-
ler into the Manual Low Power mode The oscillator
and data separator circuits are turned off Manual
Low Power can also be accessed via the Mode
command The chip comes out of low power after a
software reset or access to the Data Register or
Main Status Register
D5
Undefined Should be set to 0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com