Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 16Page - National Semiconductor (TI) PC87332 Datasheet HTML 17Page - National Semiconductor (TI) PC87332 Datasheet HTML 18Page - National Semiconductor (TI) PC87332 Datasheet HTML 19Page - National Semiconductor (TI) PC87332 Datasheet HTML 20Page - National Semiconductor (TI) PC87332 Datasheet HTML 21Page - National Semiconductor (TI) PC87332 Datasheet HTML 22Page - National Semiconductor (TI) PC87332 Datasheet HTML 23Page - National Semiconductor (TI) PC87332 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
20 Configuration Registers (Continued)
TABLE 2-1 Default Configurations Controlled by Hardware
(Continued)
Configuration Pins (CFGn)
(Hex)
Data
Activated Functions
43210
FER e 49 C9
FDC IDE
ll PORT
PTR e 00 80
Power-Down Clocks Option
10000
FAR e 00
PRI PRI LPTB
10001
FAR e 01
PRI PRI LPTA
10010
FAR e 01
PRI SEC LPTA
10011
FAR e 00
PRI SEC LPTB
FER e 07
UART1 UART2
ll PORT
PTR e 00 80
Power-Down Clocks Option
10100
FAR e 10
COM1 COM2 LPTB
10101
FAR e 11
COM1 COM2 LPTA
10110
FAR e 39
COM3 COM4 LPTA
10111
FAR e 24
COM2 COM3 LPTB
FER e 47 C7
IDE UART1 UART2
ll PORT
PTR e 00 80
Power-Down Clocks Option
11000
FAR e 10
PRI COM1 COM2 LPTB
11001
FAR e 11
PRI COM1 COM2 LPTA
11010
FAR e 11
SEC COM1 COM2 LPTA
11011
FAR e 39
PRI COM3 COM4 LPTA
11100
FAR e 24
PRI COM2 COM3 LPTB
11101
FAR e 38
SEC COM3 COM4 LPTB
FER e 08
FDC
PTR e 00 80
Power-Down Clocks Option
11110
FAR e 10
PRI
FER e 00
None
PTR e 02 82
Power-Down XTAL and Clocks
11111
FAR e 10
NA
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com