Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87332 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87332
Description  PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87332 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87332 Datasheet HTML 12Page - National Semiconductor (TI) PC87332 Datasheet HTML 13Page - National Semiconductor (TI) PC87332 Datasheet HTML 14Page - National Semiconductor (TI) PC87332 Datasheet HTML 15Page - National Semiconductor (TI) PC87332 Datasheet HTML 16Page - National Semiconductor (TI) PC87332 Datasheet HTML 17Page - National Semiconductor (TI) PC87332 Datasheet HTML 18Page - National Semiconductor (TI) PC87332 Datasheet HTML 19Page - National Semiconductor (TI) PC87332 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
WP
Normal
36
I
Write Protect
This input indicates that the floppy disk in the selected drive is write protected
Mode
WP
PPM
92
I
Write Protect
This pin provides an additional Write Protect signal in PPM Mode when PNF e 0 (See
PD2 and Table 7-5 for further information)
Mode
WRITE
95
O
Write Strobe
This signal is used in EPP mode as a write strobe It is active low (See STB and Table 7-5
for further information)
X1OSC
7
I
Crystal1Clock
One side of an external 24 MHz48 MHz crystal is attached here The other side of the
crystal is connected to X2 If a crystal is not used a TTL or CMOS compatible clock is connected to this
pin
X2
8
O
Crystal2
One side of an external 24 MHz48 MHz crystal is attached here The other side of the crystal is
connected to X1OSC This pin is left unconnected if an external clock is used
ZWS
3O
Zero Wait State
This pin is the Zero Wait State open drain output pin when bit 6 of FCR is 0 ZWS is
driven low when the EPP or ECP is written and the access can be shortened This pin is PWDN when bit 6
of FCR is 1 (See the PWDN pin for further information)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com