Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 154 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 150Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 151Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 152Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 153Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 154Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 155Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 156Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 227 page
background image
START
XMIT
Valid
Valid
Valid
END
SD_CLK
SD_CMD
13
7
9
10
13
13
13
START
XMIT
Valid
Valid
Valid
END
SD_CLK
SD_CMD
10
9
7
1
2
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.12.2 MMC/SD/SDIO Electrical Data/Timing
Table 6-44. Timing Requirements for MMC/SD/SDIO Module
(see Figure 6-43 and Figure 6-45)
A-513,
-594,
-810
NO.
UNIT
STANDARD MODE
MIN
MAX
1
tsu(CMDV-CLKH)
Setup time, SD_CMD valid before SD_CLK high
5
ns
2
th(CLKH-CMDV)
Hold time, SD_CMD valid after SD_CLK high
5
ns
3
tsu(DATV-CLKH)
Setup time, SD_DATx valid before SD_CLK high
5
ns
4
th(CLKH-DATV)
Hold time, SD_DATx valid after SD_CLK high
5
ns
Table 6-45. Switching Characteristics Over Recommended Operating Conditions for MMC/SD/SDIO
Module(1) (see Figure 6-42 through Figure 6-45)
A-513,
-594,
-810
NO.
PARAMETER
UNIT
STANDARD MODE
MIN
MAX
7
f(CLK)
Operating frequency, SD_CLK
0
25
MHz
8
f(CLK_ID)
Identification mode frequency, SD_CLK
0
400
KHz
9
tW(CLKL)
Pulse width, SD_CLK low
10
ns
10
tW(CLKH)
Pulse width, SD_CLK high
10
ns
11
tr(CLK)
Rise time, SD_CLK
10
ns
12
tf(CLK)
Fall time, SD_CLK
10
ns
13
td(CLKLL-CMD)
Delay time, SD_CLK low to SD_CMD transition
-7.5
13
ns
14
tdis(CLKL-DAT)
Disable time, SD_CLK low to SD_DATx transition
-7.5
13
ns
(1)
P = Period of SD_CLK (SYSCLK5), in nanoseconds (ns).
Figure 6-42. MMC/SD/SDIO Host Command Timing
Figure 6-43. MMC/SD/SDIO Card Response Timing
154
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com