Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 156 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 152Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 153Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 154Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 155Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 156Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 227 page
background image
MHz
5795454545
.
3
264
35
MHz
27
=
÷
ø
ö
ç
è
æ
=
-ntsc
sc
f
MHz
4332628318
.
4
1017
167
MHz
27
=
÷
ø
ö
ç
è
æ
=
- pal
sc
f
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.13 Video Processing Sub-System (VPSS) Overview
The DM6446 Video Processing Sub-System (VPSS) provides a Video Processing Front End (VPFE) input
interface for external imaging peripherals (i.e., image sensors, video decoders, etc.) and a Video
Processing Back End (VPBE) output interface for display devices, such as analog SDTV displays, digital
LCD panels, HDTV video encoders, etc.
Note: The VPSS module is supported with Linux Application Peripheral Interfaces (APIs) commonly used
by video application developers. Video for Linux 2 or V4L2 uses APIs commonly used for video capture.
The typical use cases of the VPSS Video Front-End (VPFE) have been ported to this Linux API structure.
V4L2 supports standard video interfaces such as: BT.656 and Y/C mode. Other modules within the VPSS
VPFE for example, the Preview Engine, H3A, and Histogram are not currently supported within the
software APIs. The VPSS Back-End (VPBE) uses FBDev/DirectFB as the APIs. Certain functionalities
within the VPBE have not been implemented in the FBDev/DirectFB APIs. For modes/functions not
implemented in software, it is the user's responsibility to modify the software drivers/APIs.
The VPSS register memory mapping is shown in Table 6-46.
Table 6-46. VPSS Register Descriptions
HEX ADDRESS
REGISTER ACRONYM
DESCRIPTION
RANGE
0x01C7 3400
PID
Peripheral Revision and Class Information
0x01C7 3404
PCR
VPSS Control Register
0x01C7 3408
-
Reserved
0x01C7 3508
SDR_REG_EXP
SDRAM Non Real-Time Read Request Expand
0x01C7 350C -
-
Reserved
0x01C7 3FFF
To ensure NTSC- and PAL-compliant output video, the stability of the input clock source is very important.
TI recommends a 27-MHz, 50-ppm crystal. Ceramic oscillators are not recommended. The NTSC/PAL
color sub-carrier frequency is derived from the 27-MHz clock. Therefore, if the 27-MHz clock drifts, then
the color sub-carrier frequency will drift as well. Assuming no 27-MHz frequency drift, the color sub-carrier
frequency is generated as follows:
To ensure the color sub-carrier frequency will not drift out of spec, the user must follow the crystal
requirements discussed in Section 6.5.1, Clock Input Option 1 – Crystal. Alternatively, if the VPBE input
clock is sourced from the VPBECLK or VPFE clock inputs, these clocks must have a frequency stability of
±50 ppm to ensure the NTSC and PAL compliant output video.
156
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com