Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 161 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 157Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 160Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 161Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 162Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 163Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 164Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.13.1.3 Resizer
The resizer module can accept input image/video data from either the preview engine or DDR2. The
output of the resizer module is sent to DDR2. The following features are supported by the resizer module.
•
An output width up to 1280 horizontal pixels.
•
Input from external DDR2.
•
Up to 4x upsampling (digital zoom).
•
Bi-cubic interpolation (4-tap horizontal, 4-tap vertical) can be implemented with the programmable filter
coefficients.
•
8 phases of filter coefficients.
•
Optional bi-linear interpolation for the chrominance components.
•
Up to 1/4x downsampling
•
4-tap horizontal and 4-tap vertical filter coefficients (with 8-phases) for 1x to 1/2x downsampling
•
1/2x to 1/4x downsampling, for 7-tap mode with 4-phases.
•
Resizing either YUV 4:2:2 packed data (16-bits) or color separate data (8-bit data within DDR) that is
contiguous.
•
Separate/independent resizing factor for the horizontal and vertical directions.
•
Upsampling and downsampling ratios that are available are: 256/N, with N ranging from 64 to 1024.
•
Programmable luminance sharpening after the horizontal resizing and before the vertical resizing step.
The Resizer register memory mapping is shown in Table 6-50.
Table 6-50. Resizer Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0C00
PID
Peripheral Revision and Class Information
0x01C7 0C04
PCR
Peripheral Control Register
0x01C7 0C08
RSZ_CNT
Resizer Control Bits
0x01C7 0C0C
OUT_SIZE
Output Width and Height After Resizing
0x01C7 0C10
IN_START
Input Starting Information
0x01C7 0C14
IN_SIZE
Input Width and Height Before Resizing
0x01C7 0C18
SDR_INADD
Input SDRAM Address
0x01C7 0C1C
SDR_INOFF
SDRAM Offset for the Input Line
0x01C7 0C20
SDR_OUTADD
Output SDRAM Address
0x01C7 0C24
SDR_OUTOFF
SDRAM Offset for the Output Line
0x01C7 0C28
HFILT10
Horizontal Filter Coefficients 1 and 0
0x01C7 0C2C
HFILT32
Horizontal Filter Coefficients 3 and 2
0x01C7 0C30
HFILT54
Horizontal Filter Coefficients 5 and 4
0x01C7 0C34
HFILT76
Horizontal Filter Coefficients 7 and 6
0x01C7 0C38
HFILT98
Horizontal Filter Coefficients 9 and 8
0x01C7 0C3C
HFILT1110
Horizontal Filter Coefficients 11 and 10
0x01C7 0C40
HFILT1312
Horizontal Filter Coefficients 13 and 12
0x01C7 0C44
HFILT1514
Horizontal Filter Coefficients 15 and 14
0x01C7 0C48
HFILT1716
Horizontal Filter Coefficients 17 and 16
0x01C7 0C4C
HFILT1918
Horizontal Filter Coefficients 19 and 18
0x01C7 0C50
HFILT2120
Horizontal Filter Coefficients 21 and 20
0x01C7 0C54
HFILT2322
Horizontal Filter Coefficients 23 and 22
0x01C7 0C58
HFILT2524
Horizontal Filter Coefficients 25 and 24
0x01C7 0C5C
HFILT2726
Horizontal Filter Coefficients 27 and 26
0x01C7 0C60
HFILT2928
Horizontal Filter Coefficients 29 and 28
0x01C7 0C64
HFILT3130
Horizontal Filter Coefficients 31 and 30
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
161
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com